Electronic Components Datasheet Search
  English  ▼

X  

INA827 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA827
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA827 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA827 Datasheet HTML 2Page - Texas Instruments INA827 Datasheet HTML 3Page - Texas Instruments INA827 Datasheet HTML 4Page - Texas Instruments INA827 Datasheet HTML 5Page - Texas Instruments INA827 Datasheet HTML 6Page - Texas Instruments INA827 Datasheet HTML 7Page - Texas Instruments INA827 Datasheet HTML 8Page - Texas Instruments INA827 Datasheet HTML 9Page - Texas Instruments INA827 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
0
40
80
120
160
200
VOSO (µV)
G002
0
4
8
12
16
VOSO Drift (µV/°C )
SD: 5.3
µV/°C
MEAN: −7.7
µV/°C
G004
0
50
100
150
200
250
VOSI (µV)
SD: 40.1
µV
MEAN: −7.6
µV
G001
0
5
10
15
20
25
30
VOSI Drift (µV/°C )
SD: 0.51
µV/°C
MEAN: 0.08
µV/°C
G002
INA827
SBOS631 – JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 5, unless otherwise noted.
TYPICAL DISTRIBUTION OF
TYPICAL DISTRIBUTION OF
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE DRIFT
Figure 1.
Figure 2.
TYPICAL DISTRIBUTION OF
TYPICAL DISTRIBUTION OF
OUTPUT OFFSET VOLTAGE
OUTPUT OFFSET VOLTAGE DRIFT
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com