Electronic Components Datasheet Search
  English  ▼

X  

SN11085 Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SN11085
Description  SN11085 USB1.1 Flash memory Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11085 Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SN11085 Datasheet HTML 4Page - SONiX Technology Company SN11085 Datasheet HTML 5Page - SONiX Technology Company SN11085 Datasheet HTML 6Page - SONiX Technology Company SN11085 Datasheet HTML 7Page - SONiX Technology Company SN11085 Datasheet HTML 8Page - SONiX Technology Company SN11085 Datasheet HTML 9Page - SONiX Technology Company SN11085 Datasheet HTML 10Page - SONiX Technology Company SN11085 Datasheet HTML 11Page - SONiX Technology Company SN11085 Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SN11085
2002/12/01 ver 0.97
8
defines the relationship between the EEPROM value and the USB serial number
string. If no EEPROM is connected, ROMDO must be pulled high to set “no serial
number”.
Table 3 USB serial number data format
EEPROM nibble
USB Serial Number String
ASCII
0 through 9
0030H through 0039H
“0” through “9”
A through F
0041H through 0046H
“A” through “F”
Value of the lowest nibble (nibble 12) of the serial number is limited from 0 to 7. If
the MSB of the lowest nibble (nibble 12) is 1, the serial number feature will be
disabled and no serial number will be shown in the USB descriptor.
For a USB Mass Storage Class compliant device, the name of the manufacturer and
product can be shown in the device manager of the OS (use Windows as an example)
to distinguish products of the same type. The default vendor string of the SN11085 is
“USB NAND”. The default product string is “FLASH DISK”. Therefore, the
Windows will show “USB NAND FLASH DISK” when the default string is used. If
the system manufacturers need strings other than default ones, they can put the strings
they want in the EEPROM’s word 5 to 16, as shown in the table of first page.
5.3 software support
Sonix provides the following softwares to customers
1) Security driver for Win98/2000/Me/XP; boot up utility is included for Win98/Me
2) Mass production tool which provides the following function
i)
Flash memory format
ii)
File copy/compare for data validation
iii)
Copying files into the flash memory which are to be delivered with the
flash disk
iv)
ISP of 93C46
v)
Copying USB string into flash memory for customization
Security reset tool is only released to the manufacturers but not end users. The
Security reset tool will need a dedicated username and password to activate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com