Electronic Components Datasheet Search
  English  ▼

X  

SN11085 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN11085
Description  SN11085 USB1.1 Flash memory Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11085 Datasheet(HTML) 3 Page - SONiX Technology Company

  SN11085 Datasheet HTML 1Page - SONiX Technology Company SN11085 Datasheet HTML 2Page - SONiX Technology Company SN11085 Datasheet HTML 3Page - SONiX Technology Company SN11085 Datasheet HTML 4Page - SONiX Technology Company SN11085 Datasheet HTML 5Page - SONiX Technology Company SN11085 Datasheet HTML 6Page - SONiX Technology Company SN11085 Datasheet HTML 7Page - SONiX Technology Company SN11085 Datasheet HTML 8Page - SONiX Technology Company SN11085 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN11085
2002/12/01 ver 0.97
3
3 Pin Assignment
AVDD
AVSS
DPLUS
DMINUS
FLCE8
FLCE6
FLCE4
FLCE2
FLD4
FLD5
FLD3
VDD
XOUT
XIN
NC
TEST
RSTN
LED1
FLCE7
FLCE5
FLCE3
FLCE1
FLCLE
VDD
15
10
15
20
25
30
35
40
45
Table 1 SN11085 pin list
# pin name type drive special description
1 GND
PWR
Digital ground
2 FLD6
DIO 8mA PD
Flash memory I/O port bit 6
3 FLD2
DIO 8mA PD
Flash memory I/O port bit 2
4 FLD7
DIO 8mA PD
Flash memory I/O port bit 7
5 FLD1
DIO 8mA PD
Flash memory I/O port bit 1
6 FLD0
DIO 8mA PD
Flash memory I/O port bit 0
7 FLWP
DO 8mA
Flash memory write protect
8 FLRB
DI
Flash memory ready/busy
9 FLWE
DIO 8mA PD
Flash memory write enable
10 FLRE
DIO 8mA PD
Flash memory read enable
11 FLALE
DO 8mA
Flash memory address latch enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com