Electronic Components Datasheet Search
  English  ▼

X  

SN11085 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN11085
Description  SN11085 USB1.1 Flash memory Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11085 Datasheet(HTML) 2 Page - SONiX Technology Company

  SN11085 Datasheet HTML 1Page - SONiX Technology Company SN11085 Datasheet HTML 2Page - SONiX Technology Company SN11085 Datasheet HTML 3Page - SONiX Technology Company SN11085 Datasheet HTML 4Page - SONiX Technology Company SN11085 Datasheet HTML 5Page - SONiX Technology Company SN11085 Datasheet HTML 6Page - SONiX Technology Company SN11085 Datasheet HTML 7Page - SONiX Technology Company SN11085 Datasheet HTML 8Page - SONiX Technology Company SN11085 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN11085
2002/12/01 ver 0.97
2
2 Features
USB 1.1 full-speed compatible
USB 1.1 Mass Storage Class compliant
USB Mass Storage Class Bulk-Only Transport 1.0 supported
USB Mass Storage Class SCSI transparent command set supported
Customized VID, PID, serial number, and 28 characters of Vendor/Product/Revision
string supported with external EEPROM
EEPROM in system programmable (ISP) capability
28 characters of Vendor/Product/Revision string can be stored in flash for external
EEPROM cost reduction
Support Samsung and Toshiba NAND-type flash memory, from 4Mbytes to 128 Mbytes
Real-time ECC correction circuit for data integrity and memory access speed
acceleration
Embedded SRAM for logical-to-physical address translation of NAND-type flash
Up to 8 NAND type flash memories are supported
Embedded FIFO for upstream and downstream data transfer
Data transfer rate up to 1.5 MB/s (burst), 1.1 MB/s (read average),
LED indicator pin
PC boot up capability (host BIOS with USB ZIP boot up support is necessary)
Flash disk security function provided, up to 12 characters of password for high sensitive
data protection from illegally access
ROM-type flash disk capability provided (permanent write protect)
No Driver needed under Microsoft Windows ME/2000/XP, Mac OS 8.6/9.x/10.x
Sonix Driver for Microsoft Windows 98
Single 3.3V operation
48 pin LQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com