Electronic Components Datasheet Search
  English  ▼

X  

SN11087 Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SN11087
Description  Second Generation USB1.1 Flash Memory Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11087 Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SN11087 Datasheet HTML 6Page - SONiX Technology Company SN11087 Datasheet HTML 7Page - SONiX Technology Company SN11087 Datasheet HTML 8Page - SONiX Technology Company SN11087 Datasheet HTML 9Page - SONiX Technology Company SN11087 Datasheet HTML 10Page - SONiX Technology Company SN11087 Datasheet HTML 11Page - SONiX Technology Company SN11087 Datasheet HTML 12Page - SONiX Technology Company SN11087 Datasheet HTML 13Page - SONiX Technology Company SN11087 Datasheet HTML 14Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SN11087
2003/7/8 ver 0.3
10
6.3 DC electrical characteristics
Table 6
symbol
parameter
test condition value
unit
VDI
USB differential input sensitivity
| (D+) – (D-) | 0.2 (min)
V
VCM
USB differential common mode
range
Included
VDI
range
0.8 (min)
2.5 (max)
V
VSE
USB single ended receiver
threshold
0.8 (min)
2.0 (max)
V
VIH
high level input voltage
2.0 (min)
V
VIL
low level input voltage
0.8 (max)
V
VOH
high level output voltage
IOH = -4 mA
2.3 (min)
V
VOL
low level output voltage
IOL= 4 mA
0.5 (max)
V
IIL
low level input current
VI = 0 V
RSTN pin :
- 50.0 (max)
the other pins : - 3.0 (max)
µA
IIH
high level input current
VI = 3.6 V
3.0 (max)
µA
IDD
input supply current
20 (max)
mA
Isuspend supply current in suspend
20 (max)
µA
6.4 AC electrical characteristics
6.4.1 USB transceiver signal (full speed mode)
Table 7
symbol
parameter
test condition
min
max
unit
Tr
transition rise time for DP or DM
4
20
ns
Tf
transition fall time for DP or DM
4
20
ns
Trfm
rise / fall time matching
(Tr / Tf ) * 100
90
110
%
Vo(crs)
signal crossover voltage
1.3
2.0
V
6.4.2 Operation clocks
Table 8
symbol
parameter
value
unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com