Electronic Components Datasheet Search
  English  ▼

X  

SN11087 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SN11087
Description  Second Generation USB1.1 Flash Memory Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11087 Datasheet(HTML) 3 Page - SONiX Technology Company

  SN11087 Datasheet HTML 1Page - SONiX Technology Company SN11087 Datasheet HTML 2Page - SONiX Technology Company SN11087 Datasheet HTML 3Page - SONiX Technology Company SN11087 Datasheet HTML 4Page - SONiX Technology Company SN11087 Datasheet HTML 5Page - SONiX Technology Company SN11087 Datasheet HTML 6Page - SONiX Technology Company SN11087 Datasheet HTML 7Page - SONiX Technology Company SN11087 Datasheet HTML 8Page - SONiX Technology Company SN11087 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN11087
2003/7/8 ver 0.3
3
PC boot up capability (host BIOS with USB boot up support is necessary)
Flash disk security function provided, up to 16 characters of password for high sensitive
data protection from illegally access
Three types of security functions can be selected
ROM-type flash disk capability provided (permanent write protect)
No Driver needed under Microsoft Windows ME/2000/XP, Mac OS 9.x/10.x
Sonix Driver for Microsoft Windows 98
Sonix mass production tool available for mass production
Sonix security program available
Sonix bonus programs available
Single 3.3V operation
48 pin LQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com