Electronic Components Datasheet Search
  English  ▼

X  

SN11087 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN11087
Description  Second Generation USB1.1 Flash Memory Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11087 Datasheet(HTML) 2 Page - SONiX Technology Company

  SN11087 Datasheet HTML 1Page - SONiX Technology Company SN11087 Datasheet HTML 2Page - SONiX Technology Company SN11087 Datasheet HTML 3Page - SONiX Technology Company SN11087 Datasheet HTML 4Page - SONiX Technology Company SN11087 Datasheet HTML 5Page - SONiX Technology Company SN11087 Datasheet HTML 6Page - SONiX Technology Company SN11087 Datasheet HTML 7Page - SONiX Technology Company SN11087 Datasheet HTML 8Page - SONiX Technology Company SN11087 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN11087
2003/7/8 ver 0.3
2
exist. The customers can select any one of them during the mass production stage, making
production much easier.
With these flexibilities, the manufacturers can easily build
different products by using exactly the same components. The only place needs to be
changed on PCB is pin 35.
The USB Mass Storage Class compliance capability of SN11087 makes it a truly
“plug-and-play” device without vendor drivers under Windows 2000/ME/XP and Mac OS
9/10. SN11087 also provides PC boot up and data security function that exact the same as a
floppy disk (1.44M), which makes it an ideal replacement for the legacy floppy disk.
2 Features
USB 1.1 12 MHz full-speed compatible
USB 1.1 Mass Storage Class compliant
USB Mass Storage Class Bulk-Only Transport 1.0 supported
USB Mass Storage Class SCSI transparent command set supported
Low system clock (6MHz) to reduce EMI
Customized VID, PID, serial number, and 28 characters of Vendor/Product/Revision
string supported within flash or external EEPROM.
EEPROM in system programmable (ISP) capability
Support Samsung and Toshiba NAND-type flash memory, from 32Mbits to 1Gbits
Support new type of Samsung NAND type flash memory, from 1Gbits to 4Gbits
Real-time ECC correction circuit for data integrity and memory access speed
acceleration
Embedded SRAM for logical-to-physical address translation to extend the life time of
NAND-type flash
Support up to 8 NAND type flash memories are supported
Support up to 2 Gbytes of disk capacity
Embedded FIFO for upstream and downstream data transfer
Built-in power MOS to meet USB suspend requirement (500 uA)
Data transfer rate up to 1.5 MB/s (burst), 1.1 MB/s (read average)
LED indicator pin
Three modes of LED flashing patterns can be selected
Five speed of LED flashing speed provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com