Electronic Components Datasheet Search
  English  ▼

X  

LM101AH/883 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM101AH/883
Description  LM101AQML Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AH/883 Datasheet(HTML) 5 Page - Texas Instruments

  LM101AH/883 Datasheet HTML 1Page - Texas Instruments LM101AH/883 Datasheet HTML 2Page - Texas Instruments LM101AH/883 Datasheet HTML 3Page - Texas Instruments LM101AH/883 Datasheet HTML 4Page - Texas Instruments LM101AH/883 Datasheet HTML 5Page - Texas Instruments LM101AH/883 Datasheet HTML 6Page - Texas Instruments LM101AH/883 Datasheet HTML 7Page - Texas Instruments LM101AH/883 Datasheet HTML 8Page - Texas Instruments LM101AH/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Absolute Maximum Ratings (Note 2)
Supply Voltage
±22V
Differential Input Voltage
±30V
Input Voltage (Note 3)
±15V
Output Short Circuit Duration
Continuous
Operating Ambient Temp. Range
−55˚C
≤ T
A
≤ +125˚C
T
J Max
150˚C
Power Dissipation at T
A = 25˚C (Note 4)
H-Package
(Still Air)
750 mW
(500 LF / Min Air Flow)
1200 mW
J-Package
(Still Air)
1000 mW
(500 LF / Min Air Flow)
1500 mW
W-Package
(Still Air)
500mW
(500 LF / Min Air Flow)
800mW
Thermal Resistance
θ
JA
H-Package
(Still Air)
165˚C/W
(500 LF / Min Air Flow)
89˚C/W
J-Package
(Still Air)
128˚C/W
(500 LF / Min Air Flow)
75˚C/W
W-Package
(Still Air)
233˚C/W
(500 LF / Min Air Flow)
155˚C/W
θ
JC (Typical)
H-Package
39˚C/W
J-Package
26˚C/W
W-Package
26˚C/W
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Lead Temperature (Soldering, 10 sec.)
300˚C
ESD Tolerance (Note 5)
3000V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com