Electronic Components Datasheet Search
  English  ▼

X  

LM101AH/883 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM101AH/883
Description  LM101AQML Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AH/883 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM101AH/883 Datasheet HTML 4Page - Texas Instruments LM101AH/883 Datasheet HTML 5Page - Texas Instruments LM101AH/883 Datasheet HTML 6Page - Texas Instruments LM101AH/883 Datasheet HTML 7Page - Texas Instruments LM101AH/883 Datasheet HTML 8Page - Texas Instruments LM101AH/883 Datasheet HTML 9Page - Texas Instruments LM101AH/883 Datasheet HTML 10Page - Texas Instruments LM101AH/883 Datasheet HTML 11Page - Texas Instruments LM101AH/883 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LM101A
QML & RH Electrical Characteristics (Note 10)
DC Parameters
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM = 0V, RS =50
Ω
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
IO
Input Offset Voltage
+V
CC = 35V, -VCC = -5V,
V
CM = -15V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
+V
CC = 5V, -VCC = -35V,
V
CM = +15V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
V
CM = 0V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
+V
CC = 5V, -VCC = -5V,
V
CM =0V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
I
IO
Input Offset Current
+V
CC = 35V, -VCC = -5V,
V
CM = -15V, RS = 100K
Ω
-10
+10
nA
1, 2
-20
+20
nA
3
+V
CC = 5V, -VCC = -35V,
V
CM = +15V, RS = 100K
Ω
-10
+10
nA
1, 2
-20
+20
nA
3
V
CM = 0V, RS = 100K
Ω
-10
+10
nA
1, 2
-20
+20
nA
3
+V
CC = 5V, -VCC = -5V,
V
CM = 0V, RS = 100K
Ω
-10
+10
nA
1, 2
-20
+20
nA
3
±I
IB
Input Bias Current
+V
CC = 35V, -VCC = -5V,
V
CM = -15V, RS = 100K
Ω
-0.1
75
nA
1, 2
-0.1
100
nA
3
+V
CC = 5V, -VCC = -35V,
V
CM = +15V, RS = 100K
Ω
-0.1
75
nA
1, 2
-0.1
100
nA
3
V
CM = 0V, RS = 100K
Ω
-0.1
75
nA
1, 2
-0.1
100
nA
3
+V
CC = 5V, -VCC = -5V,
V
CM = 0V, RS = 100K
Ω
-0.1
75
nA
1, 2
-0.1
100
nA
3
+PSRR
Power Supply Rejection Ratio
+V
CC = 10V, -VCC = -20V
-50
+50
µV/V
1
-100
+100
µV/V
2, 3
-PSRR
Power Supply Rejection Ratio
+V
CC = 20V, -VCC = -10V
-50
+50
µV/V
1
-100
+100
µV/V
2, 3
CMRR
Common Mode Rejection Ratio V
CC = ±35V to ±5V, VCM =
±15V
80
dB
1, 2, 3
+V
IO Adj
Adjustment for Input Offset
Voltage
4.0
mV
1, 2, 3
-V
IO Adj
Adjustment for Input Offset
Voltage
-4.0
mV
1, 2, 3
+I
OS
Output Short Circuit Current
+V
CC = 15V, -VCC = -15V,
t
≤ 25mS, V
CM = -15V
-60
mA
1, 2, 3
-I
OS
Output Short Circuit Current
+V
CC = 15V, -VCC = -15V,
t
≤ 25mS, V
CM = +15V
+60
mA
1, 2, 3
I
CC
Power Supply Current
+V
CC = 15V, -VCC = -15V
3.0
mA
1
2.32
mA
2
3.5
mA
3
∆V
IO/
∆T
Temperature Coefficient of
Input Offset Voltage
-55˚C
≤ T
A
≤ +25˚C
(Note 8)
-18
+18
µV/˚C
2
+25˚C
≤ T
A
≤ +125˚C
(Note 8)
-15
+15
uV/˚C
3
∆ I
IO /
∆T
Temperature Coefficient of
Input Offset Current
-55˚C
≤ T
A
≤ +25˚C
(Note 8)
-200
+200
pA/˚C
2
+25˚C
≤ T
A
≤ +125˚C
(Note 8)
-100
+100
pA/˚C
3
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com