Electronic Components Datasheet Search
  English  ▼

X  

LM101AH/883 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM101AH/883
Description  LM101AQML Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AH/883 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM101AH/883 Datasheet HTML 2Page - Texas Instruments LM101AH/883 Datasheet HTML 3Page - Texas Instruments LM101AH/883 Datasheet HTML 4Page - Texas Instruments LM101AH/883 Datasheet HTML 5Page - Texas Instruments LM101AH/883 Datasheet HTML 6Page - Texas Instruments LM101AH/883 Datasheet HTML 7Page - Texas Instruments LM101AH/883 Datasheet HTML 8Page - Texas Instruments LM101AH/883 Datasheet HTML 9Page - Texas Instruments LM101AH/883 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (˚C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
LM101A
883 Electrical Characteristics
DC Parameters
The following conditions apply to all parameters, unless otherwise specified
V
CC = ±20V, VCM=0V
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
IO
Input Offset Voltage
V
CM = -15V, RS =50
Ω
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
V
CM = 15V, RS =50
Ω
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
R
S =50
Ω
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
V
CC = ±5V, RS =50
Ω
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
I
IO
Input Offset Current
V
CM = -15V
-10
10
nA
1
-20
20
nA
2, 3
V
CM = 15V
-10
10
nA
1
-20
20
nA
2, 3
-10
10
nA
1
-20
20
nA
2, 3
V
CC = ±5V
-10
10
nA
1
-20
20
nA
2, 3
±I
IB
Input Bias Current
V
CM = -15V
1.0
75
nA
1
1.0
100
nA
2, 3
V
CM = 15V
1.0
75
nA
1
1.0
100
nA
2, 3
1.0
75
nA
1
1.0
100
nA
2, 3
V
CC = ±5V
1.0
75
nA
1
1.0
100
nA
2, 3
PSRR+
Power Supply Rejection Ratio
+V
CC = +20V and +5V,
-V
CC=-20V, RS=50
Ω
80
dB
1, 2, 3
PSRR-
Power Supply Rejection Ratio
+V
CC = +20V,
-V
CC= -20V and -5V, RS=50
Ω
80
dB
1, 2, 3
CMRR
Common Mode Rejection Ratio -15V
≤ V
CM
≤ 15V, R
S =50
Ω
80
dB
1, 2, 3
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com