Electronic Components Datasheet Search
  English  ▼

X  

MAX3223MPWREP Datasheet(PDF) 3 Page - Texas Instruments

Part # MAX3223MPWREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3223MPWREP Datasheet(HTML) 3 Page - Texas Instruments

  MAX3223MPWREP Datasheet HTML 1Page - Texas Instruments MAX3223MPWREP Datasheet HTML 2Page - Texas Instruments MAX3223MPWREP Datasheet HTML 3Page - Texas Instruments MAX3223MPWREP Datasheet HTML 4Page - Texas Instruments MAX3223MPWREP Datasheet HTML 5Page - Texas Instruments MAX3223MPWREP Datasheet HTML 6Page - Texas Instruments MAX3223MPWREP Datasheet HTML 7Page - Texas Instruments MAX3223MPWREP Datasheet HTML 8Page - Texas Instruments MAX3223MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
DIN2
DOUT2
Auto-powerdown
RIN1
INVALID
ROUT1
DIN1
DOUT1
RIN2
ROUT2
EN
FORCEON
FORCEOFF
13
12
20
14
1
15
10
17
8
11
16
9
Absolute Maximum Ratings
(1)
MAX3223-EP
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SGLS368 – SEPTEMBER 2006
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
6
V
V+
Positive-output supply voltage range(2)
–0.3
7
V
V–
Negative-output supply voltage range(2)
0.3
–7
V
V+ – V–
Supply voltage difference(2)
13
V
Driver (FORCEOFF, FORCEON, EN)
–0.3
6
VI
Input voltage range
V
Receiver
–25
25
Driver
–13.2
13.2
VO
Output voltage range
V
Receiver (INVALID)
–0.3
VCC + 0.3
DB package
70
θ
JA
Package thermal impedance(3)(4)
DW package
58
°C/W
PW package
83
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com