Electronic Components Datasheet Search
  English  ▼

X  

MAX3223MPWREP Datasheet(PDF) 4 Page - Texas Instruments

Part # MAX3223MPWREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3223MPWREP Datasheet(HTML) 4 Page - Texas Instruments

  MAX3223MPWREP Datasheet HTML 1Page - Texas Instruments MAX3223MPWREP Datasheet HTML 2Page - Texas Instruments MAX3223MPWREP Datasheet HTML 3Page - Texas Instruments MAX3223MPWREP Datasheet HTML 4Page - Texas Instruments MAX3223MPWREP Datasheet HTML 5Page - Texas Instruments MAX3223MPWREP Datasheet HTML 6Page - Texas Instruments MAX3223MPWREP Datasheet HTML 7Page - Texas Instruments MAX3223MPWREP Datasheet HTML 8Page - Texas Instruments MAX3223MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
(1)
MAX3223-EP
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SGLS368 – SEPTEMBER 2006
See Figure 6
MIN
NOM
MAX
UNIT
VCC = 3.3 V
3
3.3
3.6
Supply voltage
V
VCC = 5 V
4.5
5
5.5
VCC = 3.3 V
2
Driver and control
VIH
DIN, EN, FORCEOFF, FORCEON
V
high-level input voltage
VCC = 5 V
2.4
Driver and control
VIL
DIN, EN, FORCEOFF, FORCEON
0.8
V
low-level input voltage
Driver and control input voltage
DIN, EN, FORCEOFF, FORCEON
0
5.5
V
VI
Receiver input voltage
–25
25
V
TA
Operating free-air temperature
–55
125
°C
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
Input leakage
EN, FORCEOFF,
II
±0.01
±1
µA
current
FORCEON
Auto-powerdown
No load, FORCEOFF and
0.3
2
mA
disabled
FORCEON at VCC
Powered off
VCC = 3.3 V or 5 V, No load, FORCEOFF at GND
1
20
ICC
Supply current
TA = 25°C
No load, FORCEOFF at VCC,
µA
Auto-powerdown
FORCEON at GND,
1
20
enabled
All RIN are open or grounded
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com