Electronic Components Datasheet Search
  English  ▼

X  

MAX3223MPWREP Datasheet(PDF) 8 Page - Texas Instruments

Part # MAX3223MPWREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3223MPWREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX3223MPWREP Datasheet HTML 4Page - Texas Instruments MAX3223MPWREP Datasheet HTML 5Page - Texas Instruments MAX3223MPWREP Datasheet HTML 6Page - Texas Instruments MAX3223MPWREP Datasheet HTML 7Page - Texas Instruments MAX3223MPWREP Datasheet HTML 8Page - Texas Instruments MAX3223MPWREP Datasheet HTML 9Page - Texas Instruments MAX3223MPWREP Datasheet HTML 10Page - Texas Instruments MAX3223MPWREP Datasheet HTML 11Page - Texas Instruments MAX3223MPWREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TESTCIRCUIT
VOLTAGEWAVEFORMS
-3V
-3V
3V
3V
0V
3V
1.5V
1.5V
Output
Input
V
OL
V
OH
t
TLH
t
THL
50
Generator
(seeNoteB)
R
L
3V
FORCEOFF
RS-232
Output
C
L
(seeNote A)
NOTES: A.C includesprobeandjigcapacitance.
L
B. Thepulsegeneratorhasthefollowingcharacteristics:PRR=250kbit/s,Z =50
,50%dutycycle,t 10ns,t
10ns.
O
r
f
W
£
TESTCIRCUIT
VOLTAGEWAVEFORMS
0V
3V
Output
Input
V
OL
V
OH
t
PLH
t
PHL
NOTES: A.C includesprobeandjigcapacitance.
L
B. Thepulsegeneratorhasthefollowingcharacteristics:PRR=250kbit/s,Z =50
,50%dutycycle,t
10ns,t
10ns.
O
r
f
W
£
£
50 W
Generator
(seeNoteB)
R
L
3V
FORCEOFF
RS-232
Output
C
L
(seeNote A)
50%
50%
1.5V
1.5V
TESTCIRCUIT
VOLTAGEWAVEFORMS
50 W
50%
50%
-3V
3V
1.5V
1.5V
Output
Input
V
OL
V
OH
t
PHL
Generator
(seeNoteB)
t
PLH
Output
EN
0V
C
L
(seeNote A)
NOTES: A.C includesprobeandjigcapacitance.
L
B. Thepulsegeneratorhasthefollowingcharacteristics:Z =50
,50%dutycycle,t
10ns,t
10ns.
O
r
f
W
£
£
0V
FORCEOFF
MAX3223-EP
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SGLS368 – SEPTEMBER 2006
Figure 1. Driver Slew Rate
Figure 2. Driver Pulse Skew
Figure 3. Receiver Propagation Delay Times
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com