Electronic Components Datasheet Search
  English  ▼

X  

MAX3232MDBREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232MDBREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3232MDBREP Datasheet(HTML) 4 Page - Texas Instruments

  MAX3232MDBREP Datasheet HTML 1Page - Texas Instruments MAX3232MDBREP Datasheet HTML 2Page - Texas Instruments MAX3232MDBREP Datasheet HTML 3Page - Texas Instruments MAX3232MDBREP Datasheet HTML 4Page - Texas Instruments MAX3232MDBREP Datasheet HTML 5Page - Texas Instruments MAX3232MDBREP Datasheet HTML 6Page - Texas Instruments MAX3232MDBREP Datasheet HTML 7Page - Texas Instruments MAX3232MDBREP Datasheet HTML 8Page - Texas Instruments MAX3232MDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DRIVER SECTION
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
MAX3232-EP
SGLS337A – APRIL 2006 – REVISED MARCH 2009......................................................................................................................................................... www.ti.com
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see
(1)and
Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = GND
5
5.4
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = VCC
–5
–5.4
V
IIH
High-level input current
VI = VCC
±0.01
±1
µA
IIL
Low-level input current
VI at GND
±0.01
±1
µA
VCC = 3.6 V,
VO = 0 V
IOS
(3)
Short-circuit output current
±35
±60
mA
VCC = 5.5 V,
VO = 0 V
ro
Output resistance
VCC, V+, and V– = 0 V,
VO = ±2 V
300
10M
Ω
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ±0.3 V; C1 = 0.047 µF, C2–C4 = 0.33 µF at VCC = 5 V ±0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see
(1)and
Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
CL = 1000 pF,
RL = 3 kΩ,
Maximum data rate
150
250
kbit/s
One DOUT switching,
See Figure 1
RL = 3 kΩ to 7 kΩ,
tsk(p)
Pulse skew(1)
CL = 150 pF to 2500 pF
300
ns
See Figure 2
CL = 150 pF to 1000 pF
6
30
Slew rate, transition region (see RL = 3 k
Ω to 7 kΩ,
SR(tr)
V/
µs
Figure 1)
VCC = 3.3 V
CL = 150 pF to 2500 pF
4
30
(1)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX3232-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com