Electronic Components Datasheet Search
  English  ▼

X  

MAX3232MDBREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232MDBREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3232MDBREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button MAX3232MDBREP Datasheet HTML 3Page - Texas Instruments MAX3232MDBREP Datasheet HTML 4Page - Texas Instruments MAX3232MDBREP Datasheet HTML 5Page - Texas Instruments MAX3232MDBREP Datasheet HTML 6Page - Texas Instruments MAX3232MDBREP Datasheet HTML 7Page - Texas Instruments MAX3232MDBREP Datasheet HTML 8Page - Texas Instruments MAX3232MDBREP Datasheet HTML 9Page - Texas Instruments MAX3232MDBREP Datasheet HTML 10Page - Texas Instruments MAX3232MDBREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
APPLICATION INFORMATION
11
10
8
1
2
3
4
7
ROUT2
DIN2
9
RIN1
16
13
12
15
14
DIN1
5
6
+
−
C3
VCC
C2+
C1
C2
C1+
GND
C1−
ROUT1
C2−
+
−
CBYPASS
= 0.1
µF
V+
+
−
+
−
RIN2
C4
+
−
VCC
C1
C2, C3, C4
3.3 V
± 0.3 V
5 V
± 0.5 V
3 V to 5.5 V
0.1
µF
0.047
µF
0.1
µF
0.1
µF
0.33
µF
0.47
µF
VCC vs CAPACITOR VALUES
DOUT1
DOUT2
V−
5 k
Ω
5 k
Ω
A
MAX3232-EP
www.ti.com......................................................................................................................................................... SGLS337A – APRIL 2006 – REVISED MARCH 2009
A.
C3 can be connected to VCC or GND.
B.
Resistor values shown are nominal.
C.
Nonpolarized ceramic capacitros are acceptable. If polarized tantalum or electrolytic capacitors are used, they should
be connected as shown.
Figure 4. Typical Operating Circuit and Capacitor Values
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): MAX3232-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com