Electronic Components Datasheet Search
  English  ▼

X  

MAX3232MDBREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232MDBREP
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3232MDBREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX3232MDBREP Datasheet HTML 2Page - Texas Instruments MAX3232MDBREP Datasheet HTML 3Page - Texas Instruments MAX3232MDBREP Datasheet HTML 4Page - Texas Instruments MAX3232MDBREP Datasheet HTML 5Page - Texas Instruments MAX3232MDBREP Datasheet HTML 6Page - Texas Instruments MAX3232MDBREP Datasheet HTML 7Page - Texas Instruments MAX3232MDBREP Datasheet HTML 8Page - Texas Instruments MAX3232MDBREP Datasheet HTML 9Page - Texas Instruments MAX3232MDBREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
Ω
50%
50%
−3 V
3 V
1.5 V
1.5 V
Output
Input
VOL
VOH
tPHL
Generator
(see Note B)
tPLH
Output
CL
(see Note A)
MAX3232-EP
SGLS337A – APRIL 2006 – REVISED MARCH 2009......................................................................................................................................................... www.ti.com
PARMETER MEASUREMENT INFORMATION (continued)
A.
CL includes probe and jig capacitance.
B.
The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
Figure 3. Receiver Propagation Delay Times
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX3232-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com