Electronic Components Datasheet Search
  English  ▼

X  

MF10 Datasheet(PDF) 2 Page - Texas Instruments

Part # MF10
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF10 Datasheet(HTML) 2 Page - Texas Instruments

  MF10 Datasheet HTML 1Page - Texas Instruments MF10 Datasheet HTML 2Page - Texas Instruments MF10 Datasheet HTML 3Page - Texas Instruments MF10 Datasheet HTML 4Page - Texas Instruments MF10 Datasheet HTML 5Page - Texas Instruments MF10 Datasheet HTML 6Page - Texas Instruments MF10 Datasheet HTML 7Page - Texas Instruments MF10 Datasheet HTML 8Page - Texas Instruments MF10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MF10
Universal Monolithic Dual Switched Capacitor Filter
General Description
The MF10 consists of 2 independent and extremely easy to
use, general purpose CMOS active filter building blocks.
Each block, together with an external clock and 3 to 4
resistors, can produce various 2nd order functions. Each
building block has 3 output pins. One of the outputs can be
configured to perform either an allpass, highpass or a notch
function; the remaining 2 output pins perform lowpass and
bandpass functions. The center frequency of the lowpass
and bandpass 2nd order functions can be either directly
dependent on the clock frequency, or they can depend on
both clock frequency and external resistor ratios. The center
frequency of the notch and allpass functions is directly de-
pendent on the clock frequency, while the highpass center
frequency depends on both resistor ratio and clock. Up to 4th
order functions can be performed by cascading the two 2nd
order building blocks of the MF10; higher than 4th order
functions can be obtained by cascading MF10 packages.
Any of the classical filter configurations (such as Butter-
worth, Bessel, Cauer and Chebyshev) can be formed.
For pin-compatible device with improved performance refer
to LMF100 datasheet.
Features
n
Easy to use
n
Clock to center frequency ratio accuracy ±0.6%
n
Filter cutoff frequency stability directly dependent on
external clock quality
n
Low sensitivity to external component variation
n
Separate highpass (or notch or allpass), bandpass,
lowpass outputs
n
f
O x Q range up to 200 kHz
n
Operation up to 30 kHz
n
20-pin 0.3" wide Dual-In-Line package
n
20-pin Surface Mount (SO) wide-body package
System Block Diagram
01039901
Package in 20 pin molded wide body surface mount and 20 pin molded DIP.
May 2001
© 2001 National Semiconductor Corporation
DS010399
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com