Electronic Components Datasheet Search
  English  ▼

X  

MF10 Datasheet(PDF) 15 Page - Texas Instruments

Part # MF10
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MF10 Datasheet(HTML) 15 Page - Texas Instruments

Back Button MF10 Datasheet HTML 11Page - Texas Instruments MF10 Datasheet HTML 12Page - Texas Instruments MF10 Datasheet HTML 13Page - Texas Instruments MF10 Datasheet HTML 14Page - Texas Instruments MF10 Datasheet HTML 15Page - Texas Instruments MF10 Datasheet HTML 16Page - Texas Instruments MF10 Datasheet HTML 17Page - Texas Instruments MF10 Datasheet HTML 18Page - Texas Instruments MF10 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
1.0 Definition of Terms (Continued)
2.0 Modes of Operation
The MF10 is a switched capacitor (sampled data) filter. To
fully describe its transfer functions, a time domain approach
is appropriate. Since this is cumbersome, and since the
MF10 closely approximates continuous filters, the following
discussion is based on the well known frequency domain.
Each MF10 can produce a full 2nd order function. See
Table
1 for a summary of the characteristics of the various modes.
MODE 1: Notch 1, Bandpass, Lowpass Outputs:
f
notch =fO (See Figure 7)
f
O= center frequency of the complex pole pair
f
notch= center frequency of the imaginary zero pair = fO.
= quality factor of the complex pole pair
BW = the −3 dB bandwidth of the bandpass output.
Circuit dynamics:
MODE 1a: Non-Inverting BP, LP (See
Figure 8)
Note: VIN should be driven from a low impedance (<1kΩ) source.
(a) Bandpass
(b) Low Pass
(c) High-Pass
01039950
01039951
01039952
(d) Notch
(e) All-Pass
01039953
01039954
FIGURE 6. Response of various 2nd-order filters as a function of Q.
Gains and center frequencies are normalized to unity.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com