Electronic Components Datasheet Search
  English  ▼

X  

MPT57604 Datasheet(PDF) 3 Page - Texas Instruments

Part # MPT57604
Description  192/200-OUTPUT TFT GATE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPT57604 Datasheet(HTML) 3 Page - Texas Instruments

  MPT57604 Datasheet HTML 1Page - Texas Instruments MPT57604 Datasheet HTML 2Page - Texas Instruments MPT57604 Datasheet HTML 3Page - Texas Instruments MPT57604 Datasheet HTML 4Page - Texas Instruments MPT57604 Datasheet HTML 5Page - Texas Instruments MPT57604 Datasheet HTML 6Page - Texas Instruments MPT57604 Datasheet HTML 7Page - Texas Instruments MPT57604 Datasheet HTML 8Page - Texas Instruments MPT57604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MPT57604
192/200-OUTPUT TFT GATE DRIVER
SGLS109 - JANUARY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CPV
I
Vertical shift clock input
The shift register’s shift clock. Data are shifted in sync with the rising edge of this pin.
OE1
OE2
OE3
I
Output enable pins
The liquid-crystal control output is held low by setting pins OE1, 2, and 3 High. However, the shift
registers are not cleared. OE is async with CPV.
Enable control target pin:
200-output mode
OE1: OUT1, OUT4, OUT7...OUT196, OUT199
OE2: OUT2, OUT5, OUT8...OUT197, OUT200
OE3: OUT3, OUT6, OUT9...OUT198
192-output mode
OE1: OUT1, OUT4, OUT7...OUT190
OE2: OUT2, OUT5, OUT8...OUT191
OE3: OUT3, OUT6, OUT9...OUT192
These combinations are generally as above, regardless of the L/R polarity.
L/R
I
Shift direction switching pin
This pin is used to switch the data’s shift direction.
L/R = L:
Mode = VEE
STV1
← OUT1 ← OUT2...OUT199 ← OUT200 ← STV2
Mode = VDL
STV1
← OUT1 ← OUT2...OUT191 ← OUT192 ← STV2
L/R = H:
Mode = VEE
STV1
→ OUT1 → OUT2...OUT199 → OUT200 → STV2
Mode = VDL
STV1
→ OUT1 → OUT2...OUT191 → OUT192 → STV2
Mode
I
Mode switching input pin
Sets either the 200-output mode or the 192-output mode.
Connects to VEE in the 200-output mode.
Connects to VDL in the 192-output mode.
For details regarding the output pins, refer to pins OUT1-OUT200.
Furthermore, the mode pin is connected on the TCP.
STV1
STV2
I/O
Shift data I/O pins
These pins are used to input/output data to/from a shift register. During input, data are captured in sync
with the leading edge of CPV. During output, data are output in sync with its trailing edge.
L/R = L:
STV1 is the next-stage data output pin, and STV2 is the shift data input pin.
L/R = H:
STV1 is the shift data input pin, and STV2 is the next-stage data output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com