Electronic Components Datasheet Search
  English  ▼

X  

MPT57604 Datasheet(PDF) 1 Page - Texas Instruments

Part # MPT57604
Description  192/200-OUTPUT TFT GATE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPT57604 Datasheet(HTML) 1 Page - Texas Instruments

  MPT57604 Datasheet HTML 1Page - Texas Instruments MPT57604 Datasheet HTML 2Page - Texas Instruments MPT57604 Datasheet HTML 3Page - Texas Instruments MPT57604 Datasheet HTML 4Page - Texas Instruments MPT57604 Datasheet HTML 5Page - Texas Instruments MPT57604 Datasheet HTML 6Page - Texas Instruments MPT57604 Datasheet HTML 7Page - Texas Instruments MPT57604 Datasheet HTML 8Page - Texas Instruments MPT57604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MPT57604
192/200-OUTPUT TFT GATE DRIVER
SGLS109 - JANUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Gate Driver LSI for Active-Matrix LCD
D Liquid-Crystal Control Outputs: 200
(Switchable to 192 Outputs)
D Enables High-Voltage Operation:
Liquid-Crystal Control Signal
VL + 35 V (max)
D Liquid-Crystal Control Signal’s
Negative-Voltage Output is Enabled by a
Level-Shift Circuit
D On-Chip Bidirectional Shift Registers
D TCP (Tape Carrier Package)
D CMOS-LSI Structure
description
The MPT57604 is a gate driver LSI that drives an active-matrix LCD panel and that implements a multi-pin
configuration, low power consumption, and high voltage. Furthermore, the level-shift circuit enables positive
and negative power supplies. Also, it has a liquid-crystal control output switching mode (192 outputs/200
outputs), so it is compatible with various SVGA/XGA panels.
OUT1 OUT2 OUT3 OUT4 OUT5 OUT6
OUT195 OUT196 OUT197 OUT198 OUT199 OUT200
MPT57604
STV2 CPV OE1,
OE2,
OE3
VSS
L/R MODE VDL
VCOM
VDD
VEE
VL
STV1
NOTE A: This figure shows the copper foil side and does not describe the TAB outline or show the NC pins.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - MPT57604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPT57605 TI-MPT57605 Datasheet
120Kb / 9P
256-OUTPUT TFT GATE DRIVER
More results

Similar Description - MPT57604

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
240-OUTPUT TFT-LCD GATE DRIVER
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
256-OUTPUT TFT-LCD GATE DRIVER
UPD16704 NEC-UPD16704 Datasheet
78Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
240-OUTPUT TFT-LCD GATE DRIVER
logo
Texas Instruments
MPT57605 TI-MPT57605 Datasheet
120Kb / 9P
256-OUTPUT TFT GATE DRIVER
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
256-OUTPUT TFT-LCD GATE DRIVER
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
240-OUTPUT TFT-LCD GATE DRIVER
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
300-OUTPUT TFT-LCD GATE DRIVER
PD161643 RENESAS-PD161643_15 Datasheet
228Kb / 18P
176-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com