Electronic Components Datasheet Search
  English  ▼

X  

TC244 Datasheet(PDF) 12 Page - Texas Instruments

Part # TC244
Description  786- 횞 488-PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC244 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TC244 Datasheet HTML 8Page - Texas Instruments TC244 Datasheet HTML 9Page - Texas Instruments TC244 Datasheet HTML 10Page - Texas Instruments TC244 Datasheet HTML 11Page - Texas Instruments TC244 Datasheet HTML 12Page - Texas Instruments TC244 Datasheet HTML 13Page - Texas Instruments TC244 Datasheet HTML 14Page - Texas Instruments TC244 Datasheet HTML 15Page - Texas Instruments TC244 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TC244
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS016B – NOVEMBER 1989 – REVISED DECEMBER 1991
2-12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
optical characteristics, TA = 40°C, integration time = 16.67 ms (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Red
160
mV/lx
Sensitivity
Green
See Notes 10 and 11
90
%ofred
Blue
60
% of red
Saturation signal, Vsat (see Note 12)
Antiblooming disabled, interlace off
320
mV
Maximum usable signal, Vuse
Antiblooming enabled, interlace on
180
mV
Blooming overload ratio (see Note 13)
Interlace on
100
Blooming overload ratio (see Note 13)
Interlace off
200
Image-area well capacity
80 x 103
electrons
Smear (see Note 14)
See Note 15
0.0004
Dark current
Interlace off
TA = 21°C
0.027
nA/cm2
Dark signal (see Note 16)
TA =45°C
TC244-30
5.5
mV
Dark signal (see Note 16)
TA = 45°C
TC244-40
6
mV
Pixel uniformity
Output signal = 50 mV
±10 mV
TC244-30
3.5
mV
Pixel uniformity
Output signal = 50 mV
±10 mV
TC244-40
5
mV
Column uniformity
Output signal = 50 mV
±10 mV
TC244-30
0.5
mV
Column uniformity
Output signal = 50 mV
±10 mV
TC244-40
0.7
mV
Shading
Output signal = 100 mV
15%
NOTES: 10. The following standard imaging condition is used in the test: light box SA702 (made by Canon) is used with a lens (FL = 92 mm)
stopped to f14.3. The light power is 1.5
µW/cm2 (color temperature = 3000 K). No IR filter is used.
11. The following measurement method is used: the device blooming protection is disabled by lowering the ABG-clock-pulse amplitude
to the minimum value. The red output signal level (Sr), the blue output signal level (Sb), and the green output signal level (Sg) are
recorded. The relative sensitivity for the blue output signal (Rb) and the relative sensitivity for the green output signal (Rg) are
determined as follows:
Rb = Sb/Sr and Rg = Sg/Sr
12. Saturation is the condition in which further increase in exposure does not lead to further increase in output signal.
13. Blooming overload ratio is the ratio of blooming exposure to saturation exposure.
14. Smear is a measure of the error induced by transferring charge through an illuminated pixel in shutterless operation. It is equivalent
to the ratio of the single-pixel transfer time during a fast dump to the exposure time using an illuminated section that is 1/10 of the
image-area vertical height with recommended clock frequencies.
15. Exposure time is 16.67 ms, the fast dump-clocking rate during vertical timing is 3.58 MHz, and the illuminated section is 1/10 of the
height of the image section.
16. Dark-signal level is measured from the dummy pixels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com