Electronic Components Datasheet Search
  English  ▼

X  

TC244 Datasheet(PDF) 17 Page - Texas Instruments

Part # TC244
Description  786- 횞 488-PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC244 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TC244 Datasheet HTML 11Page - Texas Instruments TC244 Datasheet HTML 12Page - Texas Instruments TC244 Datasheet HTML 13Page - Texas Instruments TC244 Datasheet HTML 14Page - Texas Instruments TC244 Datasheet HTML 15Page - Texas Instruments TC244 Datasheet HTML 16Page - Texas Instruments TC244 Datasheet HTML 17Page - Texas Instruments TC244 Datasheet HTML 18Page - Texas Instruments TC244 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TC244
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS016B – NOVEMBER 1989 – REVISED DECEMBER 1991
2-17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
The package for the TC244 consists of a ceramic base, a glass window, a color filter, and a 20-lead frame. The glass
window is sealed to the package by an epoxy adhesive. The package leads are configured in a dual in-line
organization and fit into mounting holes with 1,78 mm (0.070 in) center-to-center spacings.
0,33 (0.013)
0,17 (0.007)
1,65 (0.065)
1,91 (0.075)
0,41 (0.016)
0,51 (0.020)
3,90 (0.154)
5,50 (0.217)
0,76 (0.030)
1,78 (0.070)
Rotation
±90°
7,20 (0.283)
7,60 (0.299)
Center
Package
Center
Optical
15,44 (0.608)
15,64 (0.616)
MAX
18,30 (0.720)
13,87 (0.546)
13,67 (0.538)
4,01 (0.158) MAX
15,54 (0.612)
14,94 (0.588)
1,70 (0.067)
1,10 (0.043)
Focus
Plane
6,50 (0.256)
6,10 (0.240)
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
TC244 (20 pin)
Index
Mark
7/94
15,14 (0.596)
14,84(0.584)
3,38 (0.133)
2,72 (0.107)
NOTES: A. The center of the package and the center of image area not coincident.
B. The distance from the top of the glass to the image sensor surface is typically 1 mm (0.04 inch). The glass is 0.95
± 0.08 mm thick
and has an index of refraction of 1.53.
C. Each pin centerline is located within 0.18 mm of its true longitudinal position.
D. The color filter is 0.50
± 0.08 mm thick and has an index of refraction of 1.487.
E. Maximum rotation of the sensor within the package is 1.5
°.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com