Electronic Components Datasheet Search
  English  ▼

X  

TC244 Datasheet(PDF) 16 Page - Texas Instruments

Part # TC244
Description  786- 횞 488-PIXEL CCD IMAGE SENSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC244 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TC244 Datasheet HTML 11Page - Texas Instruments TC244 Datasheet HTML 12Page - Texas Instruments TC244 Datasheet HTML 13Page - Texas Instruments TC244 Datasheet HTML 14Page - Texas Instruments TC244 Datasheet HTML 15Page - Texas Instruments TC244 Datasheet HTML 16Page - Texas Instruments TC244 Datasheet HTML 17Page - Texas Instruments TC244 Datasheet HTML 18Page - Texas Instruments TC244 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TC244
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS016B – NOVEMBER 1989 – REVISED DECEMBER 1991
2-16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Image Sensor
4.7
µF
+
+
+
+
15 pF
14.3-MHz
Oscillator
20 pF
44
43
42
41
40
39
38
37
36
35
34
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
VCC
12
13
14
15
16
17
18
19
20
21
22
10 OUT1(R)
11 OUT2(G)
16
15
14
13
12 OUT3(B)
1
2
3
4
5
6
7
8
ADB
10
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
VABG –
ABLVL
V
Parallel Driver
IALVL
VSS
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
22 k
Ω
47 k
Ω
4.7
µF
4.7
µF
4.7
µF
100
Ω
100
Ω
100
Ω
9
ADB
VCC
VSS
V
ABLVL
IALVL
VABG +
VABG –
12 V
5 V
– 10 V
2 V
– 2.5 V
–5 V
4 V
–6 V
DC VOLTAGES
IALVL
I/N
IAIN
ABIN
MIDSEL
SAIN
PD
GND
VABG+
IASR
ABSR
VCC
ABLVL
IAOUT
ABOUT
SAOUT
VCC
VABG–
10
VSS
VSS
20
10
20
SEL0OUT
GND
PD
SRG3IN
SRG2IN
SRG1IN
TRGIN
NC
SEL1OUT
SEL0
NC
VCC
SRG3OUT
SRG2OUT
SRG1OUT
TRGOUT
VCC
SEL1
VSS
VSS
VABG+
Serial Driver
SUB
IAG
ABG
SAG
SRG3
SRG2
SEG1
NC
TRG
IDB
SUB
IAG
ABG
ADB
OUT3 (B)
OUT2 (G)
OUT1 (R)
GND
CDB
SUB
ANLG VCC
AIN1
CIN1
AIN2
CIN2
AIN3
CIN3
ANLG GND
Sample-and-Hold
S/H1
S/H2
S/H3
DIG VCC
OUT1
OUT2
OUT3
DGTL GND
VCC
ABS1
ABS0
SC(90)
SC
BF
CBLK
CSYNC
CP1
CP2
BCP2
BCP1
T
S1
S2
S3
PD
PS
GT
ABIN
PI
MODE
GND
VCC
VCC
SN28835
NTSC Timer
TMS3473B
SN28846
TC244
TL1593
SUPPORT CIRCUITS
DEVICE
PACKAGE
APPLICATION
FUNCTION
SN28835FS
44 pin flatpack
Timing generator
NTSC timing generator (CCD, S/H, processing)
SN28846DW
20 pin small outline
Serial driver
Driver for TRG, SRG1, SRG2, SRG3
TMS3473BDW
20 pin small outline
Parallel driver
Driver for IAG, SAG, ABG
TL1593CNS
16 pin small outline (EIAJ)
Sample and hold
Three-channel sample-and-hold IC
Figure 15. Typical Application Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com