Electronic Components Datasheet Search
  English  ▼

X  

TFB2002BIPPM Datasheet(PDF) 4 Page - Texas Instruments

Part # TFB2002BIPPM
Description  FUTUREBUS I/O CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2002BIPPM Datasheet(HTML) 4 Page - Texas Instruments

  TFB2002BIPPM Datasheet HTML 1Page - Texas Instruments TFB2002BIPPM Datasheet HTML 2Page - Texas Instruments TFB2002BIPPM Datasheet HTML 3Page - Texas Instruments TFB2002BIPPM Datasheet HTML 4Page - Texas Instruments TFB2002BIPPM Datasheet HTML 5Page - Texas Instruments TFB2002BIPPM Datasheet HTML 6Page - Texas Instruments TFB2002BIPPM Datasheet HTML 7Page - Texas Instruments TFB2002BIPPM Datasheet HTML 8Page - Texas Instruments TFB2002BIPPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TFB2002BI
FUTUREBUS+ I/O CONTROLLER
SLLS182 – AUGUST 1994
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
host interface (continued)
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
MORE*
194
I
Host interface
Host cycle is part of a longer transaction input. MORE* is used in DMA writes to indicate
that this transaction should be included in the same tenure with the next host-interface
transaction. MORE* is used in reads to indicate that MR* should be asserted during the
Futurebus+ transaction.
TBST*
193
I/O
Host interface
Host-transaction burst request
TR/W*
22
I/O
Host interface
Host-interface read or write
TSIZE < 1:0 >
1, 2
I
Host interface
Host-interface transaction size input:
LL
LH
Word (32 bits or greater)
B t (8 bit )
LH
HL
Byte (8 bits)
Half word (16 bits)
HL
HH
Half word (16 bits)
Three bytes (24 bits)
other module interface signals
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
ARBERR< 1:0 >
127,
I
Arbiter
Arbitration error input:
126
LL
LH
No error
ACO
d AC1
t d d i
h
3
LH
HL
ACO and AC1 asserted during phase 3
Arbitration comparison error
HL
HH
Arbitration com arison error
Arbitration time-out error (phase 2 or 4)
REFCLK
122
I
Module
Clock input. A 25-MHz, 50%
± 5% duty-cycle signal is recommended; any frequency
between 20 MHz and 40 MHz and duty cycle of 50%
± 5% can be tolerated.
CSR bus
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
CA < 11:0 >
164, 163, 162,
160, 159, 158,
156, 155, 154,
152, 151, 150
I
CSR bus
CSR bus address
CD < 7:0 >
147, 146, 144,
143, 142, 140,
139, 138
I/O
CSR bus
CSR bus data
CDP
148
I/O
CSR bus
CSR bus data odd parity
CCE*
135
I
CSR bus
CSR bus chip enable
COE*
136
I
CSR bus
CSR bus output enable
CWE*
134
I
CSR bus
CSR bus write enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com