Electronic Components Datasheet Search
  English  ▼

X  

TFB2002BIPPM Datasheet(PDF) 6 Page - Texas Instruments

Part # TFB2002BIPPM
Description  FUTUREBUS I/O CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2002BIPPM Datasheet(HTML) 6 Page - Texas Instruments

Back Button TFB2002BIPPM Datasheet HTML 2Page - Texas Instruments TFB2002BIPPM Datasheet HTML 3Page - Texas Instruments TFB2002BIPPM Datasheet HTML 4Page - Texas Instruments TFB2002BIPPM Datasheet HTML 5Page - Texas Instruments TFB2002BIPPM Datasheet HTML 6Page - Texas Instruments TFB2002BIPPM Datasheet HTML 7Page - Texas Instruments TFB2002BIPPM Datasheet HTML 8Page - Texas Instruments TFB2002BIPPM Datasheet HTML 9Page - Texas Instruments TFB2002BIPPM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TFB2002BI
FUTUREBUS+ I/O CONTROLLER
SLLS182 – AUGUST 1994
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
interface to TFB2022A (continued)
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
HADEC < 3:0 >
9, 10,
I
TFB2022A DPU
Host address decode. Address decoding for the host-interface address:
11, 13
Slave encoding:
Master encoding:
LLLL
LLLH
LLHL
LLHH
LHLL
LHLH
LHHL
LHHH
HLLL
HLLH
HLHL
HLHH
HHLL
HHLH
HHHL
HHHH
Unselected
Host memory
Host extended-unit space
Host CSR
Broadcast mailbox
Reserved
Split response hit
Futurebus+ CSR address
Reserved
Broadcast CSR address
Reserved
Reserved
Reserved
DPU CSR
Reserved
Reserved
LLLL
LLLH
LLHL
LLHH
LHLL
LHLH
LHHL
LHHH
HLLL
HLLH
HLHL
HLHH
HHLL
HHLH
HHHL
HHHH
Unselected
Memory address compelled
Maximum capable burst or
extended unit space
Memory address 64-byte
burst
32-byte-memory-address
capable
16-byte-memory-address
capable
8-byte-memory-address
capable
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
HBADLD*
201
O
TFB2022A DPU
Host address load. Futurebus+ has been granted for the requested transaction out-
put.
HBMASTER*
182
O
TFB2022A DPU
Host master. This device is mastering the host bus transaction.
HMODE < 2:0 >
5, 6, 7
O
TFB2022A DPU
Host mode. HMODE < 2:0 > indicates to the TFB2022A what action is to be taken in
the host interface:
LLL
LLH
LHL
LHH
HLL
HLH
HHL
HHH
Reserved
Between FIFO and host interface (single transfer), between
TFB2022A resident CSR and host interface, or between
TFB2022A resident CSR and FIFO
From FIFO to TFB2022A resident CSR.
Reserved
Reserved
Between FIFO and host interface (burst mode)
Reserved
Reserved
HSTRB*
3
O
TFB2022A DPU
Host strobe. HSTRB* performs next host-interface request as indicated in
HMODE < 2:0 >.
NEWADDR*
21
O
TFB2022A DPU
New address. NEWADDR* increments address in the TFB2022A address register.
SELECTED*
42
O
TFB2022A DPU
Module selected. Futurebus+ transaction uses this module. The DPU is used as a slave
of the Futurebus+ transaction
SPACEAV*
19
I
TFB2022A DPU
Space available in FIFO. In compelled mode, SPACEAV* indicates that space is
available in the FIFO for another transfer. In packet or burst mode, SPACEAV* indicates
that space is available in the FIFO for another packet or burst
UNALIGNED*
202
I
TFB2022A DPU
FB+ slave partial unaligned operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com