Electronic Components Datasheet Search
  English  ▼

X  

TFB2022AI Datasheet(PDF) 9 Page - Texas Instruments

Part # TFB2022AI
Description  FUTUREBUS DATA PATH UNIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2022AI Datasheet(HTML) 9 Page - Texas Instruments

Back Button TFB2022AI Datasheet HTML 2Page - Texas Instruments TFB2022AI Datasheet HTML 3Page - Texas Instruments TFB2022AI Datasheet HTML 4Page - Texas Instruments TFB2022AI Datasheet HTML 5Page - Texas Instruments TFB2022AI Datasheet HTML 6Page - Texas Instruments TFB2022AI Datasheet HTML 7Page - Texas Instruments TFB2022AI Datasheet HTML 8Page - Texas Instruments TFB2022AI Datasheet HTML 9Page - Texas Instruments TFB2022AI Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TFB2022AI
FUTUREBUS+ DATA PATH UNIT
SLLS183 − AUGUST 1994
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
MECHANICAL DATA
MFP/S-MQFP-G240
4040007/A−10/93
29,50 TYP
180
121
120
61
1
240
0,60
0,40
181
SQ
SQ
31,56
31,72
34,80
34,40
0,13 TYP
0
°−7°
3,30 TYP
0,25 MIN
4,20 MAX
0,50 TYP
0,23 TYP
METAL QUAD (MQUAD) CAVITY-UP FLATPACK
Seating Plane
0,08
60
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. MQUAD is a registered trademark of Olin Corporation.
D. This quad flat package consists of a circuit mounted on a leadframe and encased within an anodized aluminum shell. The package
is intended for parts requiring either a lower stress environment or higher thermal dissipation capabilities than can be supplied by
plastic. Ultrasonic cleaning of this package or boards with this package is not permitted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com