Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4524MDBTREP Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4524MDBTREP Datasheet HTML 26Page - Texas Instruments THS4524MDBTREP Datasheet HTML 27Page - Texas Instruments THS4524MDBTREP Datasheet HTML 28Page - Texas Instruments THS4524MDBTREP Datasheet HTML 29Page - Texas Instruments THS4524MDBTREP Datasheet HTML 30Page - Texas Instruments THS4524MDBTREP Datasheet HTML 31Page - Texas Instruments THS4524MDBTREP Datasheet HTML 32Page - Texas Instruments THS4524MDBTREP Datasheet HTML 33Page - Texas Instruments THS4524MDBTREP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
THS452x
24.9 W
1kW
1kW
1kW
1kW
24.9 W
V
OCM
PD
Open
Open
From
AP
Analyzer
V
OUT+
V
IN+
ToAP
Analyzer
V
S+
V
IN-
V
S-
0.22 F
m
0.22 F
m
V
OUT-
1k
100
10
1
10
100
1000
C
(pF)
LOAD
RECOMMENDED R vs C
For Flat Frequency Response
O
LOAD
V
= 5.0 V
Gain = 1 V/V
S+
PP
R = 1 k
R = 1 k
Differential
V
= 100 mV
F
L
OUT
W
W
0.1
1
10
100
1000
Frequency (MHz)
5
0
5
10
15
20
25
-
-
-
-
-
FREQUENCY RESPONSE vs C
LOAD
R = 124
C = 10 pF
each output
W
O
L
R = 37.5
C = 100 pF each output
W
O
L
R = 7.15
C = 1000 pF each output
W
O
L
R = 150
C = 4.7 pF
each output
W
O
L
V
= 5.0 V, Gain = 1 V/V
S+
PP
R = 1 k
differential
R = 1 k
V
= 100 mV
F
L
OUT
W
W
THS4524-EP
SBOS609 – JUNE 2012
www.ti.com
Driving Capacitive Loads
The THS4524 is designed for a nominal capacitive
load of 1 pF on each output to ground. When driving
capacitive loads greater than 1 pF, it is recommended
to use small resistors (RO) in series with the output,
placed as close to the device as possible. Without
RO, capacitance on the output interacts with the
output impedance of the amplifier and causes phase
shift in the loop gain of the amplifier that reduces the
phase margin. This reduction in phase margin results
in
frequency
response
peaking;
overshoot,
undershoot, and/or ringing when a step or square-
wave signal is applied; and may lead to instability or
oscillation. Inserting RO isolates the phase shift from
the loop gain path and restores the phase margin, but
it also limits bandwidth. Figure 67 shows the
recommended values of RO versus capacitive loads
Figure 68. Frequency Response for Various RO
(CL), and Figure 68 shows an illustration of the
and CL Values, with RLOAD = 1 kΩ
frequency response with various values.
Audio Performance
The THS4524 provides excellent audio performance
with very low quiescent power. To show performance
in the audio band, the device was tested with a SYS-
2722 audio analyzer from Audio Precision. THD+N
and FFT tests were performed at 1-VRMS output
voltage. Performance is the same on both 3.3-V and
5-V supplies. Figure 69 shows the test circuit used;
see Figure 70 and Figure 71 for the performance of
the
analyzer
using
internal
loopback
mode
(generator) together with the THS4524.
Figure 67. Recommended Series Output Resistor
versus Capacitive Load for Flat Frequency
Response, with RLOAD = 1 kΩ
Figure 69. THS4524 AP Analyzer Test Circuit
30
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com