Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4524MDBTREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4524MDBTREP Datasheet HTML 3Page - Texas Instruments THS4524MDBTREP Datasheet HTML 4Page - Texas Instruments THS4524MDBTREP Datasheet HTML 5Page - Texas Instruments THS4524MDBTREP Datasheet HTML 6Page - Texas Instruments THS4524MDBTREP Datasheet HTML 7Page - Texas Instruments THS4524MDBTREP Datasheet HTML 8Page - Texas Instruments THS4524MDBTREP Datasheet HTML 9Page - Texas Instruments THS4524MDBTREP Datasheet HTML 10Page - Texas Instruments THS4524MDBTREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
THS4524-EP
www.ti.com
SBOS609 – JUNE 2012
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 5 V
At VS+ = +5 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RF = 1 kΩ, RL = 1 kΩ differential, G = 1 V/V, single-ended
input, differential output, input and output referenced to midsupply, unless otherwise noted.
TA = -55°C to 125°C
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
Small-Signal Bandwidth
VOUT = 100 mVPP, G = 1
145
MHz
C
VOUT = 100 mVPP, G = 2
50
MHz
C
VOUT = 100 mVPP, G = 5
20
MHz
C
VOUT = 100 mVPP, G = 10
9.5
MHz
C
Gain Bandwidth Product
VOUT = 100 mVPP, G = 10
95
MHz
C
Large-Signal Bandwidth
VOUT = 2 VPP, G = 1
145
MHz
C
Bandwidth for 0.1-dB Flatness
VOUT = 2 VPP, G = 1
30
MHz
C
Rising Slew Rate (Differential)
VOUT = 2-V Step, G = 1, RL = 200 Ω
490
V/
μs
C
Falling Slew Rate (Differential)
VOUT = 2-V Step, G = 1, RL = 200 Ω
600
V/
μs
C
Overshoot
VOUT = 2-V Step, G = 1, RL = 200 Ω
1
%
C
Undershoot
VOUT = 2-V Step, G = 1, RL = 200 Ω
2.6
%
C
Rise Time
VOUT = 2-V Step, G = 1, RL = 200 Ω
3.4
ns
C
Fall Time
VOUT = 2-V Step, G = 1, RL = 200 Ω
3
ns
C
Settling Time to 1%
VOUT = 2-V Step, G = 1, RL = 200 Ω
10
ns
C
Harmonic Distortion
f = 1 kHz, VOUT = 1 VRMS, G = 1
(2),
2nd harmonic
–122
dBc
C
differential input
f = 1 MHz, VOUT = 2 VPP, G = 1
–85
dBc
C
f = 1 kHz, VOUT = 1 VRMS, G = 1
(2),
3rd harmonic
–141
dBc
C
differential input
f = 1 MHz, VOUT = 2 VPP, G = 1
–91
dBc
C
Two-tone, f1 = 2 MHz, f2 = 2.2 MHz,
Second-Order Intermodulation Distortion
–86
dBc
C
VOUT = 2-VPP envelope
Two-tone, f1 = 2 MHz, f2 = 2.2 MHz,
Third-Order Intermodulation Distortion
–93
dBc
C
VOUT = 2-VPP envelope
Input Voltage Noise
f > 10 kHz
4.6
nV/
√Hz
C
Input Current Noise
f > 100 kHz
0.6
pA/
√Hz
C
VOUT = 5 VPP, 20 Hz to 22 kHz BW,
SNR
114
dBc
C
differential input
f = 1 kHz , VOUT = 5 VPP, 20 Hz to 22 kHz BW,
THD+N
112
dBc
C
differential input
Overdrive Recovery Time
Overdrive = ±0.5 V
75
ns
C
Output Balance Error
VOUT = 100 mV, f < 2 MHz, VIN differential
–57
dB
C
Closed-Loop Output Impedance
f = 1 MHz (differential)
0.3
Ω
C
Channel-to-Channel Crosstalk
f = 10 kHz, measured differentially
–125
dB
C
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
83
119
dB
A
Input-Referred Offset Voltage
±0.5
±8
mV
A
Input offset voltage drift(3)
±2
μV/°C
C
Input Bias Current
0.9
5.5
μA
A
Input bias current drift(3)
±1.8
nA/°C
C
(1)
Test levels: (A) 100% tested. (B) Limits set by characterization and simulation. (C) Typical value only for information.
(2)
Not directly measureable; calculated using noise gain of 101 as described in the Applications section, Audio Performance.
(3)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at –55°C
and +125°C, computing the difference, and dividing by 180.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com