Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4524MDBTREP Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS4524MDBTREP Datasheet HTML 31Page - Texas Instruments THS4524MDBTREP Datasheet HTML 32Page - Texas Instruments THS4524MDBTREP Datasheet HTML 33Page - Texas Instruments THS4524MDBTREP Datasheet HTML 34Page - Texas Instruments THS4524MDBTREP Datasheet HTML 35Page - Texas Instruments THS4524MDBTREP Datasheet HTML 36Page - Texas Instruments THS4524MDBTREP Datasheet HTML 37Page - Texas Instruments THS4524MDBTREP Datasheet HTML 38Page - Texas Instruments THS4524MDBTREP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
10
Frequency (Hz)
-80
-82
-84
-86
-88
-90
-92
-94
-96
-98
-100
100
1 k
10 k 20 k
THS4524 and PCM3168 THD+N vs FREQUENCY
(No Weighting)
0
Frequency (Hz)
-95
-97
-99
-101
-103
-105
-107
-109
-111
-113
-115
100
1 k
10 k 20 k
G = 5
G = 1
G = 2
THS4524 and PCM4204 THD+N
vs FREQUENCY (No Weighting, at Higher Gains)
THS4524-EP
www.ti.com
SBOS609 – JUNE 2012
Figure 80 shows the THS4524 and PCM4204 THD+N
EVM is configured for both differential inputs as
versus frequency with no weighting at higher gains.
shown in Figure 61 and for single-ended input as
shown in Figure 62 with 1-k
Ω resistors for RF and RG,
and 24.9-
Ω resistors in series with each output to
isolate the outputs from the reactive load of the
coaxial cables. To limit the noise from the external
EVM and cables, a 2.7-nF capacitor is placed
differentially across the PCM3168A inputs. The
THS4524 is operated with a single-supply +5-V
supply so the output common-mode of the THS4524
defaults to +2.5 V as required at the input of the
PCM3168A. The PCM3168A EVM is configured and
operated as described in the PCM3168AEVM User
Guide. The ADC was tested with an external
THS4524 EVM with both single-ended input and
differential inputs. In both configurations, the results
are the same. Figure 81 shows the THD+N versus
frequency and Table 5 compares the result to the
PCM3168 data sheet typical specification at 1 kHz.
Both graphs show that it makes an excellent drive
amplifier for this ADC. Note: a 2700 series Audio
Figure 80. THS4524 and PCM4204: THD+N versus
Analyzer from Audio Precision is used to generate
Frequency with No Weighting at Higher Gains
the input signals to the THS4524 and to analyze the
digital data from the PCM3168.
Audio ADC Driver Performance:
THS4524 and PCM3168 Combined
Performance
The THS4524 is also tested as the drive amplifier for
the PCM3168A ADC input. The PCM3168A is a high-
performance, single-chip, 24-bit, 6-in/8-out, audio
coder/decoder
(codec)
with
single-ended
and
differential selectable analog inputs and differential
outputs. The six-channel, 24-bit ADC employs a
ΔΣ
modulator and supports 8-kHz to 96-kHz sampling
rates and a 16-bit/24-bit width digital audio output
word on the audio interface. The eight-channel, 24-bit
digital-to-analog converter (DAC) employs a
ΔΣ
modulator and supports 8-kHz to 192-kHz sampling
rates and a 16-bit/24-bit width digital audio input word
on the audio interface. Each audio interface supports
I2S™, left-/right-justified, and DSP formats with 16-
bit/24-bit word width. In addition, the PCM3168A
Figure 81. THS4524 and PCM3168: THD+N versus
supports the time-division-multiplexed (TDM) format..
Frequency with No Weighting
The PCM3168A provides flexible serial port interface
and many other advanced features. Refer to the
PCM3168A product data sheet for more information.
Table 5. 1-kHz AC Analysis: Test Circuit vs
PCM3168 Data Sheet Typical Specifications
The PCM3168A EVM is used to test the audio
(fS = 48 kSPS)
performance of the THS4524 as a drive amplifier.
The standard PCM3168A EVM is provided with
Configuration
Tone
THD+N
OPA2134 op amps that are used to convert single-
THS4524 and
1 kHz
–92.6 dBc
ended inputs to differential to drive the ADC. For
PCM3168
testing, the op amp output series resistors are
PCM3168 Data
1 kHz
–93 dBc
removed from one of the channels and a THS4524,
sheet (typ)
mounted on its standard EVM, is connected to the
ADC inputs via short coaxial cables. The THS4524
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s) :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com