Electronic Components Datasheet Search
  English  ▼

X  

TI380PCIPCM Datasheet(PDF) 21 Page - Texas Instruments

Part # TI380PCIPCM
Description  PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TI380PCIPCM Datasheet(HTML) 21 Page - Texas Instruments

Back Button TI380PCIPCM Datasheet HTML 17Page - Texas Instruments TI380PCIPCM Datasheet HTML 18Page - Texas Instruments TI380PCIPCM Datasheet HTML 19Page - Texas Instruments TI380PCIPCM Datasheet HTML 20Page - Texas Instruments TI380PCIPCM Datasheet HTML 21Page - Texas Instruments TI380PCIPCM Datasheet HTML 22Page - Texas Instruments TI380PCIPCM Datasheet HTML 23Page - Texas Instruments TI380PCIPCM Datasheet HTML 24Page - Texas Instruments TI380PCIPCM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TI380PCI
PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
SPWS020 – AUGUST 1995
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
COMMAND register—configuration space DWORD address (0x04) (continued)
Bit 04: CONTROL[4] controls memory write-and-invalidate cycles. A value of 1 enables the TI380PCI to
generate memory write-and-invalidate cycles.
Bit 05: CONTROL[5] applies to VGA subsystems and is hardwired to 0.
Bit 06: This bit controls the TI380PCI’s response to parity errors. When this bit is set, the TI380PCI takes its
normal action when a parity error is detected. When this bit is reset, the TI380PCI ignores any parity errors that
it detects and continues normal operation. This bit is set to 0 after reset.
Bit 07: CONTROL[7] is hardwired to a 0 since the TI380PCI does not support address / data stepping.
Bit 08: This bit is an enable bit for the SERR driver. A value of 0 disables the SERR driver and a value of 1
enables it. This bit’s state after RST is 0.
Bit 09: CONTROL[9] is hardwired to a 0 since the TI380PCI does not support fast back-to-back transaction to
different devices.
Bits 10 – 15: Reserved. These reserved bits read as 0.
STATUS register—configuration space DWORD address (0x04)
Fast Back-to-Back Capability
Data Parity Detection
DEVSEL Timing
00 – Fast
01 – Medium
10 – Slow
Signal Target Abort
Receive Target Abort
Receive Master Abort
Signal System Error
Detect Parity Error
Reserved
14
12
0
15
10
9
8
7
6
0
10
13
11
Figure 6. Status Register Layout
The STATUS Register records status information for PCI bus-related events. Reads to this register behave
normally. Writes are slightly different in that bits can be reset, but not set. A bit is reset whenever the register
is written, and the data in the corresponding bit location is a 1.
Bits 0 – 6: Reserved
Bit 7: STATUS[7] is hardwired to a 0 as the TI380PCI does not support fast back-to-back cycles as a slave.
Bit 8: This bit is set when three conditions are met: 1) the PCI device asserted PERR itself or observed PERR
asserted; 2) the device setting the bit acted as the bus master for the operation in which the error occurred; 3) the
parity error response bit (command register) is set.
Bits 9 – 10: DEVSEL timing for the TI380PCI is set to 01 (medium).
Bit 11: This bit is set whenever TI380PCI terminates a transaction with slave-abort.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com