Electronic Components Datasheet Search
  English  ▼

X  

TI380PCIPCM Datasheet(PDF) 7 Page - Texas Instruments

Part # TI380PCIPCM
Description  PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TI380PCIPCM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TI380PCIPCM Datasheet HTML 3Page - Texas Instruments TI380PCIPCM Datasheet HTML 4Page - Texas Instruments TI380PCIPCM Datasheet HTML 5Page - Texas Instruments TI380PCIPCM Datasheet HTML 6Page - Texas Instruments TI380PCIPCM Datasheet HTML 7Page - Texas Instruments TI380PCIPCM Datasheet HTML 8Page - Texas Instruments TI380PCIPCM Datasheet HTML 9Page - Texas Instruments TI380PCIPCM Datasheet HTML 10Page - Texas Instruments TI380PCIPCM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TI380PCI
PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
SPWS020 – AUGUST 1995
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions – System Interface† (Continued)
PIN
I/O‡
DESCRIPTION
NAME
NO.
I/O‡
DESCRIPTION
SIRQ
6
I
System interrupt request. TI380C2x drives SIRQ to signal an interrupt request to the host processor.
H = No interrupt request
L
= Interrupt request by TI380C2x
SAS
2
I/O
System memory address strobe. SAS is an active-low address strobe that is an output during DIO and
an input during DMA.§
H = Address not valid
L
= Address is valid and a transfer operation is in progress
SRNW
128
I/O
System read not write. SRNW serves as a control signal to indicate a read or write cycle.
H = Read Cycle
L
= Write Cycle
† The TI380PCI SIF pin names correspond to a subset of the system interface pins on a TI380C2x. Consult the TI380C2x data sheet for more
information on individual pins. Like-named pins on the TI380PCI and TI380C2x system interfaces are intended to be connected to each other.
‡ I = in, O = out
§ The signal connecting this pin to the TI380C2x also should be connected to a 4.7-kW pullup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com