Electronic Components Datasheet Search
  English  ▼

X  

OPA2377 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2377
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2377 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2377 Datasheet HTML 3Page - Texas Instruments OPA2377 Datasheet HTML 4Page - Texas Instruments OPA2377 Datasheet HTML 5Page - Texas Instruments OPA2377 Datasheet HTML 6Page - Texas Instruments OPA2377 Datasheet HTML 7Page - Texas Instruments OPA2377 Datasheet HTML 8Page - Texas Instruments OPA2377 Datasheet HTML 9Page - Texas Instruments OPA2377 Datasheet HTML 10Page - Texas Instruments OPA2377 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
1k
6
5
4
3
2
1
0
Frequency(Hz)
10M
100k
10k
1M
V =5.5V
S
V =5V
S
V =2.5V
S
OffsetVoltage( V)
m
Time(400ns/div)
G=+1
R =10k
C
W
=50pF
L
L
10
50
40
30
20
10
0
LoadCapacitance(pF)
1k
100
G=+1V/V
Time(2 s/div)
m
G=+1
R =2kW
C =50pF
L
L
1
100
10
1
0.1
Closed-LoopGain(V/V)
100
10
0.01%
0.1%
OPA377
OPA2377
OPA4377
www.ti.com
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Figure 13.
Figure 14.
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
SMALL-SIGNAL PULSE RESPONSE
Figure 15.
Figure 16.
LARGE-SIGNAL PULSE RESPONSE
SETTLING TIME vs CLOSED-LOOP GAIN
Figure 17.
Figure 18.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA377 OPA2377 OPA4377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com