Electronic Components Datasheet Search
  English  ▼

X  

OPA2377 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2377
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2377 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2377 Datasheet HTML 1Page - Texas Instruments OPA2377 Datasheet HTML 2Page - Texas Instruments OPA2377 Datasheet HTML 3Page - Texas Instruments OPA2377 Datasheet HTML 4Page - Texas Instruments OPA2377 Datasheet HTML 5Page - Texas Instruments OPA2377 Datasheet HTML 6Page - Texas Instruments OPA2377 Datasheet HTML 7Page - Texas Instruments OPA2377 Datasheet HTML 8Page - Texas Instruments OPA2377 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
-50
-25
1000
900
800
700
600
500
400
300
200
100
0
Temperature( C)
°
150
50
100
0
25
75
125
INPUTBIASCURRENTvsTEMPERATURE
OPA377
C
F
R
F
V
OUT
V
B
V
S
PhotodiodePreamplifier
OPA377
OPA2377
OPA4377
www.ti.com
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
5MHz, Low-Noise,
Single, Dual, Quad CMOS Operational Amplifiers
Check for Samples: OPA377, OPA2377, OPA4377
1
FEATURES
DESCRIPTION
2
•
GAIN BANDWIDTH PRODUCT: 5.5MHz
The OPA377 family of operational amplifiers are
wide-bandwidth CMOS amplifiers that provide very
•
LOW NOISE: 7.5nV/
√Hz at 1kHz
low noise, low input bias current, and low offset
•
OFFSET VOLTAGE: 1mV (max)
voltage while operating on a low quiescent current of
•
INPUT BIAS CURRENT: 0.2pA
0.76mA (typ).
•
RAIL-TO-RAIL OUTPUT
The OPA377 op amps are optimized for low-voltage,
•
UNITY-GAIN STABLE
single-supply
applications.
The
exceptional
combination of ac and dc performance make them
•
EMI INPUT FILTERING
ideal for a wide range of applications, including small
•
QUIESCENT CURRENT: 0.76mA/ch
signal conditioning, audio, and active filters. In
•
SUPPLY VOLTAGE: 2.2V to 5.5V
addition, these parts have a wide supply range with
•
SMALL PACKAGES:
excellent
PSRR,
making
them
attractive
for
applications that run directly from batteries without
SC70, SOT23, and MSOP
regulation.
APPLICATIONS
The OPA377 is available in the SC70-5, SOT23-5,
•
PHOTODIODE PREAMP
and SO-8 packages. The dual OPA2377 is offered in
the SO-8 and MSOP-8, and the quad OPA4377 in the
•
PIEZOELECTRIC SENSOR PREAMP
TSSOP-14 packages. All versions are specified for
•
SENSOR SIGNAL CONDITIONING
operation from
–40°C to +125°C.
•
AUDIO EQUIPMENT
•
ACTIVE FILTERS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2377 TI1-OPA2377 Datasheet
1Mb / 27P
5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA2377 TI2-OPA2377 Datasheet
984Kb / 35P
OPAx377-Q1 Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
REVISED MAY 2016
OPA2377 TI2-OPA2377 Datasheet
1Mb / 34P
5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
REVISED JANUARY 2011
OPA2377-Q1 TI1-OPA2377-Q1 Datasheet
978Kb / 26P
Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA2377-Q1 TI1-OPA2377-Q1 Datasheet
1Mb / 31P
Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Precision Automotive Grade Operational
More results

Similar Description - OPA2377

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
logo
Texas Instruments
OPA4377 TI-OPA4377 Datasheet
1Mb / 27P
5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
OPA377 TI1-OPA377_15 Datasheet
1Mb / 27P
5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com