Electronic Components Datasheet Search
  English  ▼

X  

OPA2377 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2377
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2377 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA2377 Datasheet HTML 8Page - Texas Instruments OPA2377 Datasheet HTML 9Page - Texas Instruments OPA2377 Datasheet HTML 10Page - Texas Instruments OPA2377 Datasheet HTML 11Page - Texas Instruments OPA2377 Datasheet HTML 12Page - Texas Instruments OPA2377 Datasheet HTML 13Page - Texas Instruments OPA2377 Datasheet HTML 14Page - Texas Instruments OPA2377 Datasheet HTML 15Page - Texas Instruments OPA2377 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
OPA377
OPA2377
OPA4377
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
www.ti.com
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2010) to Revision B
Page
•
Changed document status to production data ...................................................................................................................... 1
•
Deleted cross-reference to note 2 and shading from DCK package in Package Information table ..................................... 2
•
Updated Figure 22 ................................................................................................................................................................ 9
Changes from Original (February 2010) to Revision A
Page
•
Deleted DFN from list of packages in final Features bullet .................................................................................................. 1
•
Deleted DFN package from Description section ................................................................................................................... 1
•
Updated Input Bias Current vs Temperature plot ................................................................................................................. 1
•
Deleted cross-reference to note 2 and shading from all packages except SC70-5 in Package Information table .............. 2
•
Deleted DFN-8 package from Package Information table .................................................................................................... 2
•
Deleted Temperature Range, DFN-8 parameter from Electrical Characteristics table ........................................................ 3
•
Deleted DFN-8 pin configuration .......................................................................................................................................... 4
•
Updated Figure 11 ................................................................................................................................................................ 6
12
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA377 OPA2377 OPA4377



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com