Electronic Components Datasheet Search
  English  ▼

X  

PCM2704CDB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704CDB
Description  Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2704CDB Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM2704CDB Datasheet HTML 12Page - Texas Instruments PCM2704CDB Datasheet HTML 13Page - Texas Instruments PCM2704CDB Datasheet HTML 14Page - Texas Instruments PCM2704CDB Datasheet HTML 15Page - Texas Instruments PCM2704CDB Datasheet HTML 16Page - Texas Instruments PCM2704CDB Datasheet HTML 17Page - Texas Instruments PCM2704CDB Datasheet HTML 18Page - Texas Instruments PCM2704CDB Datasheet HTML 19Page - Texas Instruments PCM2704CDB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
PCM2704C, PCM2705C
PCM2706C, PCM2707C
SBFS036A – AUGUST 2011 – REVISED JULY 2012
www.ti.com
DETAILED DESCRIPTION
Clock and Reset
For both USB and audio functions, the PCM2704C/5C/6C/7C require a 12-MHz (±500 ppm) clock that can be
generated by the onboard oscillator using a 12-MHz crystal resonator. The 12-MHz crystal resonator must be
connected to the XTI pin (pin 28 for the PCM2704C/5C, pin 12 for the PCM2706C/7C) and the XTO pin (pin 1 for
the PCM2704C/5C, pin 13 for the PCM2706C/7C) with one large (1-M
Ω) resistor and two small capacitors; the
capacitance of these components depends on the specified load capacitance of the crystal resonator. An
external clock can be supplied from XTI (pin 28 for the PCM2704C/5C, pin 12 for the PCM2706C/7C). If an
external clock is supplied, XTO (pin 1 for the PCM2704C/5C, pin 13 for the PCM2706C/7C) must be left open.
No clock disabling pin is provided; therefore, it is not recommended to use the external clock supply. SSPND (pin
27 for the PCM2704C/5C, pin 11 for the PCM2706C/7C) cannot use clock disabling.
The PCM2704C/5C/6C/7C have an internal power-on reset circuit, and it works automatically when VDD (pin 7 for
the PCM2704C/5C, pin 21 for the PCM2706C/7C) exceeds 2-V typical (1.6 V to 2.4 V), which is equivalent to
VBUS (pin 10 for the PCM2704C/5C, pin 24 for the PCM2706C/7C) exceeding 3-V typical for bus-powered
applications. Approximately 700
μs is required until an internal reset release occurs.
Operation Mode Selection
The PCM2704C/5C/6C/7C have the following mode-select pins.
Power Configuration Select/Host Detection
PSEL (pin 4 for the PCM2704C/5C, pin 16 for the PCM2706C/7C) is dedicated to selecting the power source.
This selection affects the configuration descriptor. While in bus-powered operation, the maximum power
consumption from VBUS is determined by the HOST pin (pin 21 for the PCM2704C/5C, pin 3 for the
PCM2706C/7C). For self-powered operation, the HOST pin must be connected to VBUS of the USB bus with a
pulldown resistor to detect attach and detach. (To avoid excessive suspend current, the pulldown should be a
high-value resistor.) Table 3 summarizes the power configuration select options.
Table 3. Power Configuration Select
PSEL
DESCRIPTION
0
Self-powered
1
Bus-powered
HOST
DESCRIPTION
0
Detached from USB (self-powered)/100 mA (bus-powered)
1
Attached to USB (self-powered)/500 mA (bus-powered)
Function Select (PCM2706C/7C Only)
FSEL (pin 9) determines the function of the FUNC0–FUNC3 pins (pins 4, 5, 18, and 19) and DOUT (pin 17).
When the I2S interface is required, FSEL must be low. Otherwise, FSEL must be high. Table 4 lists the
functionality of the FUNC0-FUNC3 pins, based on the FSEL pin.
Table 4. Function Select
FSEL
DOUT
FUNC0
FUNC1
FUNC2
FUNC3
0
Data out (I2S)
LRCK (I2S)
BCK (I2S)
SYSCK (I2S)
Data in (I2S)
1
S/PDIF data
Next track (HID) (1)
Previous track (HID) (1)
Stop (HID) (1)
Play/pause (HID) (1)
(1)
Valid on the PCM2706C only; no function assigned on the PCM2707C.
16
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com