Electronic Components Datasheet Search
  English  ▼

X  

PCM2704CDB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704CDB
Description  Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2704CDB Datasheet(HTML) 4 Page - Texas Instruments

  PCM2704CDB Datasheet HTML 1Page - Texas Instruments PCM2704CDB Datasheet HTML 2Page - Texas Instruments PCM2704CDB Datasheet HTML 3Page - Texas Instruments PCM2704CDB Datasheet HTML 4Page - Texas Instruments PCM2704CDB Datasheet HTML 5Page - Texas Instruments PCM2704CDB Datasheet HTML 6Page - Texas Instruments PCM2704CDB Datasheet HTML 7Page - Texas Instruments PCM2704CDB Datasheet HTML 8Page - Texas Instruments PCM2704CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
PCM2704C, PCM2705C
PCM2706C, PCM2707C
SBFS036A – AUGUST 2011 – REVISED JULY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data (unless otherwise noted).
PCM2704CDB, PCM2705CDB
PCM2706CPJT, PCM2707CPJT
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
ANALOG OUTPUT
Output voltage
0.55 VCCL, 0.55 VCCR
VPP
Center voltage
0.5 VCCP
V
Line
AC-coupling
10
k
Ω
Load impedance
Headphone
AC-coupling
16
32
Ω
–3 dB
140
kHz
LPF frequency response
f = 20 kHz
–0.1
dB
DIGITAL FILTER PERFORMANCE
Passband
0.454 fS
Hz
Stop band
0.546 fS
Hz
Passband ripple
±0.04
dB
Stop band attenuation
–50
dB
Delay time
20/fS
s
POWER SUPPLY REQUIREMENTS
VBUS
Bus-powered
4.35
5
5.25
Voltage range
VDC
VCCP, VCCL, VCCR,
Self-powered
3
3.3
3.6
VDD
Line
DAC operation
23
30
mA
Supply current
Headphone
DAC operation (RL = 32 Ω)
35
46
Line/headphone
Suspend mode (6)
150
190
μA
Line
DAC operation
76
108
mW
Power dissipation
Headphone
DAC operation (RL = 32 Ω)
116
166
(self-powered)
Line/headphone
Suspend mode (6)
495
684
μW
Line
DAC operation
115
158
mW
Power dissipation
Headphone
DAC operation (RL = 32 Ω)
175
242
(bus-powered)
Line/headphone
Suspend mode (6)
750
998
μW
Internal power-supply
VCCP, VCCL, VCCR,
Bus-powered
3.2
3.35
3.5
VDC
voltage (7)
VDD
TEMPERATURE RANGE
Operating temperature
–25
+85
°C
(6)
In USB suspended state.
(7)
VDD, VCCP, VCCL, VCCR pins. These pins work as output pins of internal power supply for bus-powered operation.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com