Electronic Components Datasheet Search
  English  ▼

X  

PCM2704CDB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704CDB
Description  Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2704CDB Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM2704CDB Datasheet HTML 25Page - Texas Instruments PCM2704CDB Datasheet HTML 26Page - Texas Instruments PCM2704CDB Datasheet HTML 27Page - Texas Instruments PCM2704CDB Datasheet HTML 28Page - Texas Instruments PCM2704CDB Datasheet HTML 29Page - Texas Instruments PCM2704CDB Datasheet HTML 30Page - Texas Instruments PCM2704CDB Datasheet HTML 31Page - Texas Instruments PCM2704CDB Datasheet HTML 32Page - Texas Instruments PCM2704CDB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
D+ / D-
SSPND
V
L
V
R
OUT
OUT
Idle
Active
Active
2.5 ms
5 ms
Suspend
Detach
1 ms
V
BUS
D+ / D
-
V
L
V
R
OUT
OUT
SOF
SOF
SOF
SOF
SOF
Audio Data
Audio Data
Last Audio Data
PCM2704C, PCM2705C
PCM2706C, PCM2707C
www.ti.com
SBFS036A – AUGUST 2011 – REVISED JULY 2012
Play, Stop, and Detach Sequence
When the host finishes or aborts playback, the PCM2704C/5C/6C/7C stop playing after the last audio data output
is complete. Figure 32 illustrates the play, stop, and detach sequence.
Figure 32. Play, Stop, and Detach Sequence
Suspend and Resume Sequence
The PCM2704C/5C/6C/7C enter a suspended state after the USB bus has been in a constant idle state for
approximately 5 ms. While the PCM2704C/5C/6C/7C are in this suspended state, the SSPND flag (pin 27 for the
PCM2704C/5C, pin 11 for the PCM2706C/7C) is asserted. The PCM2704C/5C/6C/7C wake up immediately
when detecting a non-idle state on the USB bus. Figure 33 shows the operating sequence for the suspend and
resume process.
Figure 33. Suspend and Resume
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com