Electronic Components Datasheet Search
  English  ▼

X  

PCM2900CDB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900CDB
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900CDB Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM2900CDB Datasheet HTML 13Page - Texas Instruments PCM2900CDB Datasheet HTML 14Page - Texas Instruments PCM2900CDB Datasheet HTML 15Page - Texas Instruments PCM2900CDB Datasheet HTML 16Page - Texas Instruments PCM2900CDB Datasheet HTML 17Page - Texas Instruments PCM2900CDB Datasheet HTML 18Page - Texas Instruments PCM2900CDB Datasheet HTML 19Page - Texas Instruments PCM2900CDB Datasheet HTML 20Page - Texas Instruments PCM2900CDB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
PCM2900C
PCM2902C
www.ti.com
SBFS039
– SEPTEMBER 2011
DETAILED DESCRIPTION
USB INTERFACE
Control data and audio data are transferred to the PCM2900C/2902C via D+ (pin 1) and D
– (pin 2). All data
to/from the PCM2900C/2902C are transferred at full speed. The device descriptor contains the information
described in Table 3.
Table 3. Device Description
USB revision
2.0 compliant
Device class
0x00 (device-defined interface level)
Device subclass
0x00 (not specified)
Device protocol
0x00 (not specified)
Max packet size for end-point 0
8 bytes
Vendor ID
0x08BB
Product ID
0x29C0 / 0x29C2
Device release number
1.0 (0x0100)
Number of configurations
1
Vendor strings
String #1 (see Table 5)
Product strings
String #2 (see Table 5)
Serial number
Not supported
The configuration descriptor contains the information described in Table 4.
Table 4. Configuration Descriptor
Interface
Four interfaces
0x80 (Bus-powered, no remote
Power attribute
wakeup)
Max power
0x32 (100 mA)
The string descriptor contains the information described in Table 5.
Table 5. String Descriptor
#0
0x0409
#1
BurrBrown from Texas Instruments
#2
USB AUDIO CODEC
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com