Electronic Components Datasheet Search
  English  ▼

X  

PCM2900CDB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900CDB
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900CDB Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM2900CDB Datasheet HTML 10Page - Texas Instruments PCM2900CDB Datasheet HTML 11Page - Texas Instruments PCM2900CDB Datasheet HTML 12Page - Texas Instruments PCM2900CDB Datasheet HTML 13Page - Texas Instruments PCM2900CDB Datasheet HTML 14Page - Texas Instruments PCM2900CDB Datasheet HTML 15Page - Texas Instruments PCM2900CDB Datasheet HTML 16Page - Texas Instruments PCM2900CDB Datasheet HTML 17Page - Texas Instruments PCM2900CDB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Frequency (× f )
S
0
0.2
0.4
0.8
0.6
1
0
10
20
30
40
50
-
-
-
-
-
-
-
-
-
-
60
70
80
90
100
G017
0
20
40
60
80
100
-
-
-
-
-
-
-
-
120
140
160
0
8
16
24
32
Frequency (× f )
S
G016
0.2
0
0.2
0.4
0.6
0.8
-
-
-
-
0
0.1
0.2
0.3
0.4
0.5
Frequency (× f )
S
G018
0
4
8
12
16
20
-
-
-
-
-
0.46
0.48
0.5
0.52
0.54
Frequency (× f )
S
G019
Frequency (× f /1000)
S
0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
-
-
-
-
-
-
-
-
-
-
60
70
80
90
100
G020
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
0
1
2
3
4
Frequency (× f /1000)
S
G021
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: ADC DIGITAL DECIMATION FILTER FREQUENCY RESPONSE
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, unless otherwise noted.
OVERALL CHARACTERISTICS
STOP BAND ATTENUATION
Figure 16.
Figure 17.
PASSBAND RIPPLE
TRANSITION-BAND RESPONSE
Figure 18.
Figure 19.
TYPICAL CHARACTERISTICS: ADC DIGITAL HIGH-PASS FILTER FREQUENCY RESPONSE
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, unless otherwise noted.
STOP BAND CHARACTERISTICS
PASSBAND CHARACTERISTICS
Figure 20.
Figure 21.
14
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com