Electronic Components Datasheet Search
  English  ▼

X  

PCM2900CDB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900CDB
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900CDB Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM2900CDB Datasheet HTML 18Page - Texas Instruments PCM2900CDB Datasheet HTML 19Page - Texas Instruments PCM2900CDB Datasheet HTML 20Page - Texas Instruments PCM2900CDB Datasheet HTML 21Page - Texas Instruments PCM2900CDB Datasheet HTML 22Page - Texas Instruments PCM2900CDB Datasheet HTML 23Page - Texas Instruments PCM2900CDB Datasheet HTML 24Page - Texas Instruments PCM2900CDB Datasheet HTML 25Page - Texas Instruments PCM2900CDB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
D+/D-
2.5 V (Typ)
0 V
Internal Reset
Ready for Setup
SOF
Ready for Playback
Bus Reset
Set Configuration
SOF
SOF
BPZ
Bus Idle
5 V (Typ)
SSPND
700 s
m
Device Setup
1 ms
V
(Pin 3)
BUS
V
L
V
R
OUT
OUT
First Audio Data
Second Audio Data
D+/D-
Audio Data
Audio Data
Last Audio Data
Detach
SOF
SOF
SOF
SOF
SOF
1 ms
V
(Pin 3)
BUS
V
L
V
R
OUT
OUT
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
INTERFACE SEQUENCE
Power On, Attach, and Playback Sequence
The PCM2900C/2902C is ready for setup when the reset sequence has finished and the USB bus is attached.
After connection has been established by setup, the PCM2900C/2902C is ready to accept USB audio data.
While waiting, the audio data (idle state) and analog output are set to bipolar zero (BPZ).
When receiving the audio data, the PCM2900C/2902C stores the first audio packet, which contains 1-ms audio
data, into the internal storage buffer. The PCM2900C/2902C starts to play the audio data when detecting the
next start of frame (SOF) packet, as illustrated in Figure 32.
Figure 32. Initial Sequence
Play, Stop, and Detach Sequence
When the host finishes or aborts playback, the PCM2900C/2902C stops playing after the last audio data have
played, as shown in Figure 33.
Figure 33. Play, Stop, and Detach Sequence
22
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com