Electronic Components Datasheet Search
  English  ▼

X  

PTH08T255WAD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAD
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAD Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH08T255WAD Datasheet HTML 17Page - Texas Instruments PTH08T255WAD Datasheet HTML 18Page - Texas Instruments PTH08T255WAD Datasheet HTML 19Page - Texas Instruments PTH08T255WAD Datasheet HTML 20Page - Texas Instruments PTH08T255WAD Datasheet HTML 21Page - Texas Instruments PTH08T255WAD Datasheet HTML 22Page - Texas Instruments PTH08T255WAD Datasheet HTML 23Page - Texas Instruments PTH08T255WAD Datasheet HTML 24Page - Texas Instruments PTH08T255WAD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Notes on Use of Auto-Track™
C
O1
V
O1
2.5 V
UDG-08150
+Sense
V
O
-Sense
V
O
R
SET1
GND
PTH08T210W
V
I
V
I
AutoTrack
TurboTrans
C
I1
+
R
TT1
C
I2
GND
+
+
RESET
GND
5
6
4
SENSE
7
RESIN
2
REF
1
8
V
CC
CT
3
RESET
U3
TL7712A
C
REF
0.1 mF
C
T
2.2 mF
R
RESET
10 kW
C
O2
V
O2
5.0 V
+Sense
V
O
-Sense
V
O
U2
PTH08T255W
V
I
V
I
V
I
V
I
AutoTrack
TurboTrans
R
TT2
GND
+
V
I
12 V
V
O
Adj
GND GND GND
AGND
R
SET2
GND GND GND GND
V
O
Adj
(1)
100 kW
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
1. The Track pin voltage must be allowed to rise above the module set-point voltage before the module
regulates at its adjusted set-point voltage.
2. The Auto-Track function tracks almost any voltage ramp during power up, and is compatible with ramp
speeds of up to 1 V/ms.
3. The absolute maximum voltage that may be applied to the Track pin is the input voltage VI.
4. The module cannot follow a voltage at its track control input until it has completed its soft-start initialization.
This takes about 20 ms from the time that a valid voltage has been applied to its input. During this period, it
is recommended that the Track pin be held at ground potential.
5. The Auto-Track function is disabled by connecting the Track pin to the input voltage (VI). When Auto-Track is
disabled, the output voltage rises according to its softstart rate after input power has been applied.
6. The Auto-Track pin should never be used to regulate the module's output voltage for long-term, steady-state
operation.
(1)
When using Auto-Track with the PTH08T255W, a 100-k
Ω resistor must be placed between the VI and
AutoTrack pins.
Figure 15. Sequenced Power Up and Power Down Using Auto-Track
Copyright © 2008, Texas Instruments Incorporated
21
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com