Electronic Components Datasheet Search
  English  ▼

X  

PTH08T255WAD Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAD
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAD Datasheet(HTML) 26 Page - Texas Instruments

Back Button PTH08T255WAD Datasheet HTML 22Page - Texas Instruments PTH08T255WAD Datasheet HTML 23Page - Texas Instruments PTH08T255WAD Datasheet HTML 24Page - Texas Instruments PTH08T255WAD Datasheet HTML 25Page - Texas Instruments PTH08T255WAD Datasheet HTML 26Page - Texas Instruments PTH08T255WAD Datasheet HTML 27Page - Texas Instruments PTH08T255WAD Datasheet HTML 28Page - Texas Instruments PTH08T255WAD Datasheet HTML 29Page - Texas Instruments PTH08T255WAD Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Current Sharing Thermal Derating Curves
20
60
70
90
30
40
50
80
0
80
60
40
20
I
O
– Ouput Current – A
V
I
= 12 V
V
O
= 3.3 V
400 LFM
200 LFM
100 LFM
400 LFM
200 LFM
100 LFM
Nat conv
Natural
Convection
20
60
70
90
80
0
80
60
40
20
I
O
– Ouput Current – A
400 LFM
200 LFM
100 LFM
30
40
50
V
I
= 12 V
V
O
= 5 V
400 LFM
200 LFM
100 LFM
Nat conv
Natural
Convection
PTH08T255W
SLTS290 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
The temperature derating curves in Figure 20 and Figure 21 represent the conditions at which internal
components are at or below the manufacturer's maximum operating temperatures. Derating limits apply to two
PTH08T255W modules soldered directly to a 100 mm × 200 mm double-sided PCB with 2 oz. copper and the
direction of airflow from pins 10 to pins 22. For surface mount packages (AS and AZ suffix), multiple vias must
be utilized. Please refer to the mechanical specification for more information.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 20.
Figure 21.
26
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com