Electronic Components Datasheet Search
  English  ▼

X  

PTH08T255WAD Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAD
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAD Datasheet(HTML) 25 Page - Texas Instruments

Back Button PTH08T255WAD Datasheet HTML 21Page - Texas Instruments PTH08T255WAD Datasheet HTML 22Page - Texas Instruments PTH08T255WAD Datasheet HTML 23Page - Texas Instruments PTH08T255WAD Datasheet HTML 24Page - Texas Instruments PTH08T255WAD Datasheet HTML 25Page - Texas Instruments PTH08T255WAD Datasheet HTML 26Page - Texas Instruments PTH08T255WAD Datasheet HTML 27Page - Texas Instruments PTH08T255WAD Datasheet HTML 28Page - Texas Instruments PTH08T255WAD Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Current Sharing and TurboTrans™
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
Table 7. Required Connections for Current Sharing(1)
TERMINAL
MASTER
SLAVE
NAME
NO.
VI
6,7,14,15
Connect to the Input Bus.
Connect to the Input Bus.
VO
10,11
Connect to the Output Bus.
Connect to the Output Bus.
GND
8,9,12,13
Connect to Common Power GND.
Connect to Common Power GND.
Inhibit and
Use for Inhibit control & UVLO adjustments. If
21
No Connection. Leave open-circuit.
UVLO
unused leave open-circuit.
Use to set the output voltage. Connect RSET
Vo Adjust
18
No Connection. Leave open-circuit.
resistor between this pin and AGND (pin 4).
Connect to the output voltage either at the load or
+Sense
17
No Connection. Leave open-circuit.
at the module (pin 11).
Connect to the output GND either at the load or at
–Sense
16
No Connection. Leave open-circuit.
the module (pin 13).
Track
20
Connect to Track control or to VI (pin 15).
No Connection. Leave open-circuit.
Connect TurboTrans resistor, RTT, between this pin
TurboTrans™
19
No Connection. Leave open-circuit.
and +Sense (pin 17).
Connect to an external clock. If unused connect to
SmartSync
22
Connect to Common Power GND.
GND.
CONFIG
1
Connect to GND. (2)
Connect to the Input Bus.
Share
2
Connect to pin 2 of Slave. (2)
Connect to pin 2 of Master.
Comp
3
Connect to pin 3 of Slave. (2)
Connect to pin 3 of Master.
AGND
4
Connect to pin 4 of Slave. (3)
Connect to pin 4 of Master.
CLKIO
5
Connect to pin 5 of Slave. (2)
Connect to pin 5 of Master.
(1)
For more details on the pin descriptions, please refer to the 'Terminal Functions' described in Table 1
(2)
See Layer A in Figure 22 for recommended layout
(3)
See Layer B in Figure 22 for recommended layout
When using TurboTrans while paralleling two modules, the TurboTrans resistor, RTT, must be connected from the
TurboTrans pin (pin 19) of the Master module to the +Sense pin (pin 17) of the Master module. When paralleling
modules the procedure to calculate the proper value of output capacitance and RTT is similar to that explained in
the TurboTrans Selection section, however the values must be calculated for a single module. Therefore, the
total output current load step must be halved before determining the required output capacitance and the RTT
value as explained in the TurboTrans Selection section. The value of output capacitance calculated is the
minimum required output capacitance per module and the value of RTT must be calculated using this value of
output capacitance. The TurboTrans pin of the Slave module must be left open.
As an example, let's look at a 12-V application requiring a 40 mV deviation during a 20 A load transient. A
majority of 470
µF, 10 mΩ output capacitors are used. Use the 12 V, Type B capacitor chart, Figure 7. First,
halving the load transient gives 10 A. Dividing 40 mV by 10 A gives 4 mV/A transient voltage deviation per amp
of transient load step. Select 4 mV/A on the Y-axis and read across to the 'With TurboTrans' plot. Following this
point down to the X-axis gives us a minimum required output capacitance of approximately 1800
µF. This is the
minimum required output capacitance per module. Hence, the total minimum output capacitance would be 2 ×
1800
µF = 3600 µF. The required R
TT resistor value for 1800 µF can then be calculated or selected from Table 4.
The required RTT resistor is approximately 26.7 kΩ.
Copyright © 2008, Texas Instruments Incorporated
25
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com