Electronic Components Datasheet Search
  English  ▼

X  

RM48L940 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L940
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L940 Datasheet(HTML) 65 Page - Texas Instruments

Back Button RM48L940 Datasheet HTML 61Page - Texas Instruments RM48L940 Datasheet HTML 62Page - Texas Instruments RM48L940 Datasheet HTML 63Page - Texas Instruments RM48L940 Datasheet HTML 64Page - Texas Instruments RM48L940 Datasheet HTML 65Page - Texas Instruments RM48L940 Datasheet HTML 66Page - Texas Instruments RM48L940 Datasheet HTML 67Page - Texas Instruments RM48L940 Datasheet HTML 68Page - Texas Instruments RM48L940 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
RM48L940
RM48L740
RM48L540
www.ti.com
SPNS175
– SEPTEMBER 2011
An additional use of this module is to measure the frequency of a selectable clock source, using the input
clock as a reference, by counting the pulses of two independent clock sources. Counter 0 generates a
fixed-width counting window after a preprogrammed number of pulses. Counter 1 generates a fixed-width
pulse (1 cycle) after a pre-programmed number of pulses. This pulse sets as an error signal if counter 1
does not reach 0 within the counting window generated by counter 0.
4.7.3.1
Features
•
Takes two different clock sources as input to two independent counter blocks.
•
One of the clock sources is the known-good, or reference clock; the second clock source is the "clock
under test."
•
Each counter block is programmable with initial, or seed values.
•
The counter blocks start counting down from their seed values at the same time; a mismatch from the
expected frequency for the clock under test generates an error signal which is used to interrupt the
CPU.
4.7.3.2
Mapping of DCC Clock Source Inputs
Table 4-16. DCC1 Counter 0 Clock Sources
CLOCK SOURCE [3:0]
CLOCK NAME
others
oscillator (OSCIN)
0x5
high frequency LPO
0xA
test clock (TCK)
Table 4-17. DCC1 Counter 1 Clock Sources
KEY [3:0]
CLOCK SOURCE [3:0]
CLOCK NAME
others
-
N2HET1[31]
0x0
Main PLL free-running clock output
0x1
reserved
0x2
low frequency LPO
0xA
0x3
high frequency LPO
0x4
flash HD pump oscillator
0x5
EXTCLKIN1
0x6
EXTCLKIN2
0x7
ring oscillator
0x8 - 0xF
VCLK
Table 4-18. DCC2 Counter 0 Clock Sources
CLOCK SOURCE [3:0]
CLOCK NAME
others
oscillator (OSCIN)
0xA
test clock (TCK)
Table 4-19. DCC2 Counter 1 Clock Sources
KEY [3:0]
CLOCK SOURCE [3:0]
CLOCK NAME
others
-
N2HET2[0]
0xA
00x0 - 0x7
Reserved
0x8 - 0xF
VCLK
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
65
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com