Electronic Components Datasheet Search
  English  ▼

X  

RM48L940 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L940
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L940 Datasheet(HTML) 7 Page - Texas Instruments

Back Button RM48L940 Datasheet HTML 3Page - Texas Instruments RM48L940 Datasheet HTML 4Page - Texas Instruments RM48L940 Datasheet HTML 5Page - Texas Instruments RM48L940 Datasheet HTML 6Page - Texas Instruments RM48L940 Datasheet HTML 7Page - Texas Instruments RM48L940 Datasheet HTML 8Page - Texas Instruments RM48L940 Datasheet HTML 9Page - Texas Instruments RM48L940 Datasheet HTML 10Page - Texas Instruments RM48L940 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
x
R M 4 8 L 9 4 0 Z W T T R
Prefix:
x=NotQualified
Removedwhenqualified
RM=Real TimeMicrocontroller
CPU:
4= ARMCortex-R4
Flash/RAMSize:
9=3MBflash,256kBRAM
7=2MBflash,256kBRAM
5=2MBflash,192kBRAM
NetworkInterfaces:
4=EthernetOnly
Reserved
Package Type:
PGE=144PinPackage
ZWT =337BGA Package
TemperatureRange:
T =-40...+105 C
o
ShippingOptions:
R= TapeandReel
SeriesNumber
Architecture:
L =Lockstep
RM48L940
RM48L740
RM48L540
www.ti.com
SPNS175
– SEPTEMBER 2011
1.1
Device Configuration
1.1.1
Device and Development-Support Tool Nomenclature
The figure below illustrates the numbering and symbol nomenclature for the RM48Lx40 .
Figure 1-1. RM48x Device Numbering Conventions
1.1.2
Orderable Part Numbers
Table 1-1. Orderable Part Numbers
Orderable Part #
Part #
Flash
RAM
EMAC(1)
USB(2)
RM48L540PGET
RM48L540
2MB
192kB
Yes
-
RM48L540ZWTT
RM48L540
2MB
192kB
Yes
-
RM48L740PGET
RM48L740
2MB
256kB
Yes
-
RM48L740ZWTT
RM48L740
2MB
256kB
Yes
-
RM48L940PGET
RM48L940
3MB
256kB
Yes
-
RM48L940ZWTT
RM48L940
3MB
256kB
Yes
-
(1)
10/100
(2)
2 host ports, or 1 host port + 1 device port
1.1.3
Device Identification
1.1.3.1
Device Identification Code Register
The device identification code register identifies several aspects of the device including the silicon version.
The details of the device identification code register are shown in Table 1-2. The device identification code
register value for this device is:
•
Rev 0 = 0x802AAD05
Copyright
© 2011, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com