Electronic Components Datasheet Search
  English  ▼

X  

RM48L940 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L940
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L940 Datasheet(HTML) 87 Page - Texas Instruments

Back Button RM48L940 Datasheet HTML 83Page - Texas Instruments RM48L940 Datasheet HTML 84Page - Texas Instruments RM48L940 Datasheet HTML 85Page - Texas Instruments RM48L940 Datasheet HTML 86Page - Texas Instruments RM48L940 Datasheet HTML 87Page - Texas Instruments RM48L940 Datasheet HTML 88Page - Texas Instruments RM48L940 Datasheet HTML 89Page - Texas Instruments RM48L940 Datasheet HTML 90Page - Texas Instruments RM48L940 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 152 page
background image
RM48L940
RM48L740
RM48L540
www.ti.com
SPNS175
– SEPTEMBER 2011
Table 4-30. EMIF Synchronous Memory Switching Characteristics (continued)
NO.
Parameter
MIN
MAX
Unit
8
toh(CLKH-AIV)
Output hold time, EMIF_CLK rising to
1
ns
EMIFADDR[21:0] and EMIFBA[1:0]
invalid
9
td(CLKH-DV)
Delay time, EMIF_CLK rising to
7
ns
EMIFDATA[15:0] valid
10
toh(CLKH-DIV)
Output hold time, EMIF_CLK rising to
1
ns
EMIFDATA[15:0] invalid
11
td(CLKH-RASV)
Delay time, EMIF_CLK rising to
7
ns
EMIFnRAS valid
12
toh(CLKH-RASIV)
Output hold time, EMIF_CLK rising to
1
ns
EMIFnRAS invalid
13
td(CLKH-CASV)
Delay time, EMIF_CLK rising to
7
ns
EMIFnCAS valid
14
toh(CLKH-CASIV)
Output hold time, EMIF_CLK rising to
1
ns
EMIFnCAS invalid
15
td(CLKH-WEV)
Delay time, EMIF_CLK rising to
7
ns
EMIFnWE valid
16
toh(CLKH-WEIV)
Output hold time, EMIF_CLK rising to
1
ns
EMIFnWE invalid
17
tdis(CLKH-DHZ)
Delay time, EMIF_CLK rising to
7
ns
EMIFDATA[15:0] tri-stated
18
tena(CLKH-DLZ)
Output hold time, EMIF_CLK rising to
1
ns
EMIFDATA[15:0] driving
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
87
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com