Electronic Components Datasheet Search
  English  ▼

X  

RM48L952 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L952
Description  RM48L952 16/32-Bit RISC Flash Microcontroller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L952 Datasheet(HTML) 68 Page - Texas Instruments

Back Button RM48L952 Datasheet HTML 64Page - Texas Instruments RM48L952 Datasheet HTML 65Page - Texas Instruments RM48L952 Datasheet HTML 66Page - Texas Instruments RM48L952 Datasheet HTML 67Page - Texas Instruments RM48L952 Datasheet HTML 68Page - Texas Instruments RM48L952 Datasheet HTML 69Page - Texas Instruments RM48L952 Datasheet HTML 70Page - Texas Instruments RM48L952 Datasheet HTML 71Page - Texas Instruments RM48L952 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 156 page
background image
RM48L952
SPNS177
– SEPTEMBER 2011
www.ti.com
4.8
Glitch Filters
A glitch filter is present on the following signals.
Table 4-20. Glitch Filter Timing Specifications
Pin
Parameter
MIN
MAX
Unit
nPORRST
tf(nPORRST)
500
2000
ns
Filter time nPORRST pin;
pulses less than MIN will be filtered out, pulses greater than
MAX will generate a reset(1)
nRST
tf(nRST)
500
2000
ns
Filter time nRST pin;
pulses less than MIN will be filtered out, pulses greater than
MAX will generate a reset
TEST
tf(TEST)
500
2000
ns
Filter time TEST pin;
pulses less than MIN will be filtered out, pulses greater than
MAX will pass through
(1)
The glitch filter design on the nPORRST signal is designed such that no size pulse will reset any part of the microcontroller (flash pump,
I/O pins, etc.) without also generating a valid reset signal to the CPU.
68
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com