Electronic Components Datasheet Search
  English  ▼

X  

RM48L952 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L952
Description  RM48L952 16/32-Bit RISC Flash Microcontroller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L952 Datasheet(HTML) 1 Page - Texas Instruments

  RM48L952 Datasheet HTML 1Page - Texas Instruments RM48L952 Datasheet HTML 2Page - Texas Instruments RM48L952 Datasheet HTML 3Page - Texas Instruments RM48L952 Datasheet HTML 4Page - Texas Instruments RM48L952 Datasheet HTML 5Page - Texas Instruments RM48L952 Datasheet HTML 6Page - Texas Instruments RM48L952 Datasheet HTML 7Page - Texas Instruments RM48L952 Datasheet HTML 8Page - Texas Instruments RM48L952 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
RM48L952
www.ti.com
SPNS177
– SEPTEMBER 2011
RM48L952 16/32-Bit RISC Flash Microcontroller
Check for Samples: RM48L952
1
RM48L952 16/32-Bit RISC Flash Microcontroller
1.1
Features
1
• High-Performance Microcontroller for Safety
• Multiple Communication Interfaces
Critical Applications
– 10/100 Mbps Ethernet MAC (EMAC)
– Dual CPU’s running in lockstep
•
IEEE 802.3 compliant (3.3V-I/O only)
– ECC on flash and RAM interfaces
•
Supports MII and MDIO
– Built-In Self Test for CPU and on-chip RAMs
– USB
– Error Signaling Module with Error Pin
•
2-port USB Specification, revision
– Voltage and Clock Monitoring
2.0-compatible host controller, based on
the OHCI Specification for USB, release
• ARM® Cortex™ – R4F 32-bit RISC CPU
1.0
– Efficient 1.6DMIPS/MHz with 8-stage pipeline
•
One full-speed USB device compatible
– Floating-Point Unit with Single/Double
with the USB Specification, revision 2.0
Precision
and USB Specification, revision 1.1
– 12-Region Memory Protection Unit
– Three CAN Controllers (DCAN)
– Open Architecture with 3rd Party Support
•
64 mailboxes with parity protection each
• Operating Conditions
•
Compliant to CAN protocol version 2.0B
– Up to 220MHz System Clock
– Inter-Integrated Circuit (I2C)
– Core Supply Voltage (VCC): 1.2V nominal
– Three Multi-buffered Serial Peripheral
– I/O Supply Voltage (VCCIO): 3.3V nominal
Interfaces (MibSPI)
• Integrated Memory
•
128 Words with Parity Protection each
– 3MB Program Flash with ECC
– Two Standard Serial Peripheral Interfaces
– 256KB RAM with ECC
(SPI)
– 64KB Flash for emulated EEPROM
– Local Interconnect Network Interface (LIN)
• 16- bit External Memory Interface
Controller
• Common Platform Architecture
•
Compliant to LIN protocol version 2.1
– Consistent memory map across family
– Standard Serial Communication Interface
– Real-Time Interrupt Timer (RTI) OS Timer
(SCI)
– 96-channel Vectored Interrupt Module (VIM)
• Two High-End Timer Modules (N2HET)
– 2-channel Cyclic Redundancy Checker (CRC)
– N2HET1: 32 programmable channels
• Direct Memory Access (DMA) Controller
– N2HET2: 20 programmable channels
– 16 Channels and 32 Control Packets
– 160 Word Instruction RAM with parity
protection each
– Parity protection for control packet RAM
– Each includes Hardware Angle Generator
– DMA Accesses Protected by Dedicated MPU
– Dedicated Transfer Unit for each N2HET
• Frequency-Modulated Phase-Locked-Loop
(HTU)
(FMPLL) with Built-In Slip Detector
• Two 10/12-bit Multi-Buffered ADC Modules
• Separate Non-Modulating PLL
– ADC1: 24 channels
• IEEE 1149.1 JTAG, Boundary Scan and ARM
CoreSight Components
– ADC2: 16 channels
• JTAG Security Module
– 16 shared channels
• Trace and Calibration Capabilities
– 64 result buffers with parity protection each
– Embedded Trace Macrocell (ETM-R4)
• Packages
– Data Modification Module (DMM)
– 144-pin Quad Flatpack (PGE) [Green]
– RAM Trace Port (RTP)
– 337-Ball Grid Array (ZWT) [Green]
– Parameter Overlay Module (POM)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative
Copyright
© 2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - RM48L952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L952DPGET TI1-RM48L952DPGET Datasheet
8Mb / 178P
16- and 32-Bit RISC Flash Microcontroller
RM48L952DZWTT TI1-RM48L952DZWTT Datasheet
8Mb / 178P
16- and 32-Bit RISC Flash Microcontroller
RM48L952ZWT TI2-RM48L952ZWT Datasheet
8Mb / 191P
RM46L852 16- and 32-Bit RISC Flash Microcontroller
REVISED JUNE 2015
RM48L952ZWT TI2-RM48L952ZWT Datasheet
8Mb / 182P
RM48Lx50 16- and 32-Bit RISC Flash Microcontroller
REVISED JUNE 2015
RM48L952 TI1-RM48L952_15 Datasheet
8Mb / 178P
16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
16/32-Bit RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
16/32-BIT RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
16/32-BIT RISC FLASH MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com