Electronic Components Datasheet Search
  English  ▼

X  

LM6311 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM6311
Description  Low Noise High Speed Voltage Feedback Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6311 Datasheet(HTML) 2 Page - Texas Instruments

  LM6311 Datasheet HTML 1Page - Texas Instruments LM6311 Datasheet HTML 2Page - Texas Instruments LM6311 Datasheet HTML 3Page - Texas Instruments LM6311 Datasheet HTML 4Page - Texas Instruments LM6311 Datasheet HTML 5Page - Texas Instruments LM6311 Datasheet HTML 6Page - Texas Instruments LM6311 Datasheet HTML 7Page - Texas Instruments LM6311 Datasheet HTML 8Page - Texas Instruments LM6311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLH12546
November 1995
LM6311
Low Noise High Speed Voltage
Feedback Operational Amplifier
General Description
The LM6311 is a low noise voltage feedback operational
amplifier with low distortion This makes the LM6311 ideal
for signal recovery high quality video audio and medical
imaging
The conventional voltage fedback design makes it easy to
use in standard active filter circuits
The low distortion makes the LM6311 a good choice for
driving high resolution analog-to-digital converters
The 50 mA current drive and good capacitive load tolerance
make the LM6311 useful for driving analog-to-digital con-
verters which have switched-capacitor type inputs
The LM6311 provides low noise and high speed for a5V
single supply designs making it useful for desktop systems
and portable designs
Features
Y
110 MHz b3 dB bandwidth
Y
23 nVroot-Hertz voltage noise
Y
35 pAroot-Hertz current noise
Y
50 mA output current
Y
200V ms slew rate
Y
Low distortion b60 dB
5 MHz
Y
Pin for external compensation
Y
Dual g5V or single a5V or a12V supplies
Y
Guaranteed specs at a5V
Applications
Y
High end consumer audio
Y
Professional video
Y
Medical imaging
Y
Instrumentation
Y
Differential amplifiers and active filters
Y
Telecommunications signal recovery
Connection Diagrams
8-Pin DIPSO-8
TLH12546 – 1
Top View
LM6311 Input Referred
Voltage Noise V
a ea5V
TLH12546 – 16
Package
Ordering
NSC Drawing
Package
Transport Media
Information
Number
Marking
8-Pin DIP
LM6311IN
N08E
LM6311IN
Rails
8-Pin SO-8
LM6311IM
M08A
LM6311IM
Rails
8-Pin SO-8
LM6311IMX
M08A
LM6311IM
25k Units Tape and Reel
TinyPaKTM is a trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M76Printed in U S A
http
www nationalcom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com