Electronic Components Datasheet Search
  English  ▼

X  

LM6311 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM6311
Description  Low Noise High Speed Voltage Feedback Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6311 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM6311 Datasheet HTML 7Page - Texas Instruments LM6311 Datasheet HTML 8Page - Texas Instruments LM6311 Datasheet HTML 9Page - Texas Instruments LM6311 Datasheet HTML 10Page - Texas Instruments LM6311 Datasheet HTML 11Page - Texas Instruments LM6311 Datasheet HTML 12Page - Texas Instruments LM6311 Datasheet HTML 13Page - Texas Instruments LM6311 Datasheet HTML 14Page - Texas Instruments LM6311 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Performance Curves (Continued)
Bandwidth vs Supply Voltage 27 pF External Capacitor (25 C)
TLH12546 – 17
FIGURE 1
Non Inverting Amplifier
Center-referenced Input
Inverting Amplifier
Center-referenced Input
TLH12546 – 19
FIGURE 2
Center-referenced Output
TLH12546 – 20
Ground-referenced Output
TLH12546 – 21
FIGURE 3
Exceeding the Output Range
a
5V Supply No Load
TLH12546 – 22
FIGURE 4
LM6311 Maximum
Undistorted Output Swing
Loads Tied to Ground V
a e 5V
TLH12546 – 23
FIGURE 5
http
www nationalcom
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com